Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5632MMLL60 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MPC5632MMLL60
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MMLL60 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC5632MMLL60 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
67
4.3
Thermal characteristics
8 AC signal overshoot and undershoot of up to 2.0 V of the input voltages is permitted for an accumulative duration of
60 hours over the complete lifetime of the device (injection current not limited for this duration).
9 Internal structures hold the voltage greater than –1.0 V if the injection current limit of 2 mA is met.
10 Internal structures hold the input voltage less than the maximum voltage on all pads powered by V
DDEH supplies, if
the maximum injection current specification is met (2 mA for all pins) and VDDEH is within the operating voltage
specifications.
11 Internal structures hold the input voltage less than the maximum voltage on all pads powered by V
DDE supplies, if the
maximum injection current specification is met (2 mA for all pins) and VDDE is within the operating voltage
specifications.
12 Total injection current for all pins (including both digital and analog) must not exceed 25 mA.
13 Total injection current for all analog input pins must not exceed 15 mA.
14 Lifetime operation at these specification limits is not guaranteed.
15 Solder profile per CDF-AEC-Q100.
16 Moisture sensitivity per JEDEC test method A112.
Table 9. Thermal characteristics for 144-pin LQFP
Symbol
C
Parameter
Conditions
Value
Unit
RJA
CC
D Junction-to-Ambient, Natural Convection1
1 Junction-to-Ambient Thermal Resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board
meets JEDEC specification for this package.
Single layer board – 1s
43
°C/W
RJA
CC
D Junction-to-Ambient, Natural Convection2
Four layer board – 2s2p
35
°C/W
RJMA
CC
D Junction-to-Ambient (@200 ft/min)2
Single layer board –1s
34
°C/W
RJMA
CC
D Junction-to-Ambient (@200 ft/min)2
Four layer board – 2s2p
29
°C/W
RJB
CC
D Junction-to-Board2
2 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC
specification for the specified package.
22
°C/W
RJCtop
CC
D Junction-to-Case (Top)3
3 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate
temperature is used for the case temperature. Reported value includes the thermal resistance of the interface layer.
8°C/W
JT
CC
D Junction-to-Package Top, Natural
Convection4
4 Thermal characterization parameter indicating the temperature difference between the package top and the
junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization
parameter is written as Psi-JT.
2°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com