Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640DEC Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC8640DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640DEC Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC8640DEC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
6
Freescale Semiconductor
Electrical Characteristics
2.1
Overall DC Electrical Characteristics
This section covers the ratings, conditions, and other characteristics.
2.1.1
Absolute Maximum Ratings
Table 1 provides the absolute maximum ratings.
Table 1. Absolute Maximum Ratings1
Characteristic
Symbol
Absolute Maximum
Value
Unit
Notes
Cores supply voltages
VDD_Core0,
VDD_Core1
-0.3 to 1.21 V
V
2
Cores PLL supply
AVDD_Core0,
AVDD_Core1
-0.3 to 1.21 V
V
SerDes Transceiver Supply (Ports 1 and 2)
SVDD
-0.3 to 1.21 V
V
SerDes Serial I/O Supply Port 1
XVDD_SRDS1
-0.3 to 1.21V
V
SerDes Serial I/O Supply Port 2
XVDD_SRDS2
-0.3 to 1.21 V
V
SerDes DLL and PLL supply voltage for Port 1 and Port 2
AVDD_SRDS1,
AVDD_SRDS2
-0.3 to 1.21V
V
Platform Supply voltage
VDD_PLAT
-0.3 to 1.21V
V
Local Bus and Platform PLL supply voltage
AVDD_LB,
AVDD_PLAT
-0.3 to 1.21V
V
DDR and DDR2 SDRAM I/O supply voltages
D1_GVDD,
D2_GVDD
-0.3 to 2.75 V
V
3
-0.3 to 1.98 V
V
3
eTSEC 1 and 2 I/O supply voltage
LVDD
-0.3 to 3.63 V
V
4
-0.3 to 2.75 V
V
4
eTSEC 3 and 4 I/O supply voltage
TVDD
-0.3 to 3.63 V
V
4
-0.3 to 2.75 V
V
4
Local Bus, DUART, DMA, Multiprocessor Interrupts, System
Control & Clocking, Debug, Test, Power management, I2C,
JTAG and Miscellaneous I/O voltage
OVDD
-0.3 to 3.63V
V
Input voltage
DDR and DDR2 SDRAM signals
D
n
_MV
IN
- 0.3 to (D
n_GVDD +
0.3)
V5
DDR and DDR2 SDRAM reference
D
n
_MVREF
- 0.3 to (D
n_GVDD/2 +
0.3)
V
Three-speed Ethernet signals
LVIN
TVIN
GND to (LVDD+ 0.3)
GND to (TVDD+ 0.3)
V
5
DUART, Local Bus, DMA,
Multiprocessor Interrupts, System
Control & Clocking, Debug, Test,
Power management, I2C, JTAG
and Miscellaneous I/O voltage
OVIN
GND to (OVDD+ 0.3)
V
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com