Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640DEC Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MPC8640DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640DEC Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MPC8640DEC Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
96
Freescale Semiconductor
Signal Listings
D2_MCKE[0:3]
N6, N5, N2, N3
O
D2_GVDD
23
D2_MCK[0:5]
U1, F5, AJ3, V2, E7, AG4
O
D2_GVDD
D2_MCK[0:5]
V1, G5, AJ4, W2, E6, AG5
O
D2_GVDD
D2_MODT[0:3]
AE6, AG7, AE5, AH6
O
D2_GVDD
D2_MDIC[0:1]
F8, F7
IO
D2_GVDD
27
D2_MVREF
A18
DDR Port 2
reference
voltage
D2_GVDD /2
3
High Speed I/O Interface 1 (SERDES 1)4
SD1_TX[0:7]
L26, M24, N26, P24, R26, T24, U26, V24
O
SVDD
SD1_TX[0:7]
L27, M25, N27, P25, R27, T25, U27, V25
O
SVDD
SD1_RX[0:7]
J32, K30, L32, M30, T30, U32, V30, W32
I
SVDD
SD1_RX[0:7]
J31, K29, L31, M29, T29, U31, V29, W31
I
SVDD
SD1_REF_CLK
N32
I
SVDD
SD1_REF_CLK
N31
I
SVDD
SD1_IMP_CAL_TX
Y26
Analog
SVDD
19
SD1_IMP_CAL_RX
J28
Analog
SVDD
30
SD1_PLL_TPD
U28
O
SVDD
13, 17
SD1_PLL_TPA
T28
Analog
SVDD
13, 18
SD1_DLL_TPD
N28
O
SVDD
13, 17
SD1_DLL_TPA
P31
Analog
SVDD
13, 18
High Speed I/O Interface 2 (SERDES 2)4
SD2_TX[0:3]
Y24, AA27, AB25, AC27
O
SVDD
SD2_TX[4:7]
AE27, AG27, AJ27, AL27
O
SVDD
34
SD2_TX[0:3]
Y25, AA28, AB26, AC28
O
SVDD
SD2_TX[4:7]
AE28, AG28, AJ28, AL28
O
SVDD
34
SD2_RX[0:3]
Y30, AA32, AB30, AC32
I
SVDD
32
SD2_RX[4:7]
AH30, AJ32, AK30, AL32
I
SVDD
32, 35
SD2_RX[0:3]
Y29, AA31, AB29, AC31
I
SVDD
Table 62. MPC8640 Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com