Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640DEC Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # MPC8640DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640DEC Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MPC8640DEC Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
97
Signal Listings
SD2_RX[4:7]
AH29, AJ31, AK29, AL31
I
SVDD
35
SD2_REF_CLK
AE32
I
SVDD
SD2_REF_CLK
AE31
I
SVDD
SD2_IMP_CAL_TX
AM29
Analog
SVDD
19
SD2_IMP_CAL_RX
AA26
Analog
SVDD
30
SD2_PLL_TPD
AF29
O
SVDD
13, 17
SD2_PLL_TPA
AF31
Analog
SVDD
13, 18
SD2_DLL_TPD
AD29
O
SVDD
13, 17
SD2_DLL_TPA
AD30
Analog
SVDD
13, 18
Special Connection Requirement pins
No Connects
K24, K25, P28, P29, W26, W27, AD25,
AD26
--
13
Reserved
H30, R32, V28, AG32
-
-
14
Reserved
H29, R31, W28, AG31
-
-
15
Reserved
AD24, AG26
-
-
16
Ethernet Miscellaneous Signals5
EC1_GTX_CLK125
AL23
I
LVDD
39
EC2_GTX_CLK125
AM23
I
TVDD
39
EC_MDC
G31
O
OVDD
EC_MDIO
G32
I/O
OVDD
eTSEC Port 1 Signals5
TSEC1_TXD[0:7]/
GPOUT[0:7]
AF25, AC23,AG24, AG23, AE24, AE23,
AE22, AD22
OLVDD
6, 10
TSEC1_TX_EN
AB22
O
LVDD
36
TSEC1_TX_ER
AH26
O
LVDD
TSEC1_TX_CLK
AC22
I
LVDD
40
TSEC1_GTX_CLK
AH25
O
LVDD
41
TSEC1_CRS
AM24
I/O
LVDD
37
TSEC1_COL
AM25
I
LVDD
TSEC1_RXD[0:7]/
GPIN[0:7]
AL25, AL24, AK26, AK25, AM26, AF26,
AH24, AG25
ILVDD
10
TSEC1_RX_DV
AJ24
I
LVDD
Table 62. MPC8640 Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com