Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640DEC Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # MPC8640DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640DEC Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button MPC8640DEC Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
104
Freescale Semiconductor
Signal Listings
SENSEVDD_Core1
U20
VDD_Core1
sensing pin
12,31,
S1
SENSEVSS_Core0
P14
Core0 GND
sensing pin
31
SENSEVSS_Core1
V20
Core1 GND
sensing pin
12, 31,
S3
SENSEVDD_PLAT
N18
VDD_PLAT
sensing pin
28
SENSEVSS_PLAT
P18
Platform GND
sensing pin
29
D1_GVDD
B11, B14, D10, D13, F9, F12, H8, H11,
H14, K10, K13, L8, P8, R6, U8, V6, W10,
Y8, AA6, AB10, AC8, AD12, AE10, AF8,
AG12, AH10, AJ8, AJ14, AK12, AL10, AL16
SDRAM 1 I/O
supply
D1_GVDD
2.5 - DDR
1.8 DDR2
D2_GVDD
B2, B5, B8, D4, D7, E2, F6, G4, H2, J6, K4,
L2, M6, N4, P2, T4, U2, W4, Y2, AB4, AC2,
AD6, AE4, AF2, AG6, AH4, AJ2, AK6, AL4,
AM2
SDRAM 2 I/O
supply
D2_GVDD
2.5 V - DDR
1.8 V - DDR2
OVDD
B22, B25, B28, D17, D24, D27, F19, F22,
F26, F29, G17, H21, H24, K19, K23, M21,
AM30
DUART, Local
Bus, DMA,
Multiprocessor
Interrupts,
System Control
& Clocking,
Debug, Test,
JTAG, Power
management,
I2C, JTAG and
Miscellaneous
I/O voltage
OVDD
3.3 V
LVDD
AC20, AD23, AH22
TSEC1 and
TSEC2 I/O
voltage
LVDD
2.5/3.3 V
TVDD
AC17, AG18, AK20
TSEC3 and
TSEC4 I/O
voltage
TVDD
2.5/3.3 V
SVDD
H31, J29, K28, K32, L30, M28, M31, N29,
R30, T31, U29, V32, W30, Y31, AA29,
AB32, AC30, AD31, AE29, AG30, AH31,
AJ29, AK32, AL30, AM31
Transceiver
Power Supply
SerDes
SVDD
1.05/1.1 V
XVDD_SRDS1
K26, L24, M27, N25, P26, R24, R28, T27,
U25, V26
Serial I/O
Power Supply
for SerDes
Port 1
XVDD_SRDS1
1.05/1.1 V
Table 62. MPC8640 Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com