Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640DEC Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # MPC8640DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640DEC Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button MPC8640DEC Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8640DEC Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
125
System Design Information
If the high-speed SerDes port requires complete or partial termination, the unused pins should be
terminated as described in this section.
The following pins must be left unconnected (floating):
•SDn_TX[7:0]
•SDn_TX[7:0]
The following pins must be connected to GND:
•SDn_RX[7:0]
•SDn_RX[7:0]
•SDn_REF_CLK
•
SDn_REF_CLK
NOTE
It is recommended to power down the unused lane through SRDS1CR1[0:7]
register (offset = 0xE_0F08) and SRDS2CR1[0:7] register
(offset = 0xE_0F44.) (This prevents the oscillations and holds the receiver
output in a fixed state.) that maps to SERDES lane 0 to lane 7 accordingly.
For other directions on reserved or no-connects pins see Section 17, “Signal Listings.”
20.6
Pull-Up and Pull-Down Resistor Requirements
The MPC8640 requires weak pull-up resistors (2–10 k
Ω is recommended) on all open drain type pins.
The following pins must NOT be pulled down during power-on reset: TSEC4_TXD[4], LGPL0/LSDA10,
LGPL1/LSDWE, TRIG_OUT/READY, and D1_MSRCID[2].
The following are factory test pins and require strong pull up resistors
(100
Ω –1 kΩ) to OVDD
LSSD_MODE, TEST_MODE[0:3].The following pins require weak pull up resistors
(2–10 k
Ω) to their
specific power supplies: LCS[0:4], LCS[5]/DMA_DREQ2, LCS[6]/DMA_DACK[2],
LCS[7]/DMA_DDONE[2], IRQ_OUT, IIC1_SDA, IIC1_SCL, IIC2_SDA, IIC2_SCL, and
CKSTP_OUT.
The following pins should be pulled to ground with a 100-
Ω resistor: SD1_IMP_CAL_TX,
SD2_IMP_CAL_TX. The following pins should be pulled to ground with a 200-
Ω resistor:
SD1_IMP_CAL_RX, SD2_IMP_CAL_RX.
TSECn_TX_EN signals require an external 4.7-k
Ω pull down resistor to prevent PHY from seeing a valid
Transmit Enable before it is actively driven.
When the platform frequency is 400 MHz, TSEC1_TXD[1] must be pulled down at reset.
1
Partial Termination when a SerDes port is enabled through both POR input and DEVDISR is determined by
the SerDes port mode. If the port is in x8 PCI Express mode, no termination is required because all pins are
being used. If the port is in x1/x2/x4 PCI Express mode, termination is required on the unused pins. If the port
is in x4 Serial RapidIO mode termination is required on the unused pins.
2
If a SerDes port is enabled through the POR input and then disabled through DEVDISR, no hardware changes
are required. Termination of the SerDes port should follow what is required when the port is enabled through
both POR input and DEVDISR. See Note 1 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com