Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640D Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # MPC8640D
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640D Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button MPC8640D Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
103
Signal Listings
D2_MDVAL
D19
O
OVDD
Power Management Signals5
ASLEEP
C19
O
OVDD
System Clocking Signals5
SYSCLK
G16
I
OVDD
RTC
K17
I
OVDD
32
CLK_OUT
B16
O
OVDD
23
Test Signals5
LSSD_MODE
C18
I
OVDD
26
TEST_MODE[0:3]
C16, E17, D18, D16
I
OVDD
26
JTAG Signals5
TCK
H18
I
OVDD
TDI
J18
I
OVDD
24
TDO
G18
O
OVDD
23
TMS
F18
I
OVDD
24
TRST
A17
I
OVDD
24
Miscellaneous5
Spare
J17
-
-
13
GPOUT[0:7]/
TSEC1_TXD[0:7]
AF25, AC23, AG24, AG23, AE24, AE23,
AE22, AD22
OOVDD
6, 10
GPIN[0:7]/
TSEC1_RXD[0:7]
AL25, AL24, AK26, AK25, AM26, AF26,
AH24, AG25
IOVDD
10
GPOUT[8:15]/
TSEC2_TXD[0:7]
AB20, AJ23, AJ22, AD19, AH23, AH21,
AG22, AG21
OOVDD
10
GPIN[8:15]/
TSEC2_RXD[0:7]
AL22, AK22, AM21, AH20, AG20, AF20,
AF23, AF22
IOVDD
10
Additional Analog Signals
TEMP_ANODE
AA11
Thermal
-
TEMP_CATHODE
Y11
Thermal
-
Sense, Power and GND Signals
SENSEVDD_Core0
M14
VDD_Core0
sensing pin
31
Table 62. MPC8640 Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com