Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640D Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # MPC8640D
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640D Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button MPC8640D Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
107
Signal Listings
Note:
1. Multi-pin signals such as D1_MDQ[0:63] and D2_MDQ[0:63] have their physical package pin numbers listed in order
corresponding to the signal names.
2. Stub Series Terminated Logic (SSTL-18 and SSTL-25) type pins.
3. If a DDR port is not used, it is possible to leave the related power supply (Dn_GVDD, Dn_MVREF) turned off at reset. Note
that these power supplies can only be powered up again at reset for functionality to occur on the DDR port.
4. Low Voltage Differential Signaling (LVDS) type pins.
5. Low Voltage Transistor-Transistor Logic (LVTTL) type pins.
6. This pin is a reset configuration pin and appears again in the Reset Configuration Signals section of this table. See the Reset
Configuration Signals section of this table for config name and connection details.
7. Recommend a weak pull-up resistor (1–10 k
Ω) be placed from this pin to its power supply.
TSEC3_TXD[5]/
cfg_tsec3_reduce
AK21
-
LVDD
TSEC3_TXD[6:7]/
cfg_tsec3_prtcl[0:1]
AL20, AL19
-
LVDD
TSEC4_TXD[0:3]/
cfg_io_ports[0:3]
AC18, AC16, AD18, AD17
-
LVDD
TSEC4_TXD[5]/
cfg_tsec4_reduce
AB18
-
LVDD
TSEC4_TXD[6:7]/
cfg_tsec4_prtcl[0:1]
AB17, AB16
-
LVDD
LAD[0:31]/
cfg_gpporcr[0:31]
A30, E29, C29, D28, D29, H25, B29, A29,
C28, L22, M22, A28, C27, H26, G26, B27,
B26, A27, E27, G25, D26, E26, G24, F27,
A26, A25, C25, H23, K22, D25, F25, H22
-OVDD
LWE[0]/
cfg_cpu_boot
E21
-
OVDD
LWE[1]/
cfg_rio_sys_size
F21
-
OVDD
LWE[2:3]/
cfg_host_agt[0:1]
D22, E20
-
OVDD
LDP[0:3], LA[27] /
cfg_core_pll[0:4]
A24, E24, C24, B24,
J21
-OVDD
22
LA[28:31]/
cfg_sys_pll[0:3]
K21, G22, F24, G21
-
OVDD
22
LGPL[3],
LGPL[5]/
cfg_boot_seq[0:1]
K20,
J19
-OVDD
D1_MSRCID[0]/
cfg_mem_debug
F15
-
OVDD
D1_MSRCID[1]/
cfg_ddr_debug
K15
-
OVDD
Table 62. MPC8640 Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com