Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640D Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # MPC8640D
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640D Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button MPC8640D Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
112
Freescale Semiconductor
Thermal
platform. See note regarding cfg_platform_freq in Section 17, “Signal Listings” since it is a reset
configuration pin that is related to platform frequency.
18.4.2
Platform to FIFO Restrictions
Please note the following FIFO maximum speed restrictions based on platform speed.
For FIFO GMII mode:
FIFO TX/RX clock frequency <= platform clock frequency / 4.2
For example, if the platform frequency is 500 MHz, the FIFO TX/RX clock frequency should be no more
than 119 MHz
For FIFO encoded mode:
FIFO TX/RX clock frequency <= platform clock frequency / 3.2
For example, if the platform frequency is 500 MHz, the FIFO TX/RX clock frequency should be no more
than 156 MHz
19 Thermal
This section describes the thermal specifications of the MPC8640.
19.1
Thermal Characteristics
Table 70 provides the package thermal characteristics for the MPC8640.
Table 69. Frequency Options of SYSCLK with Respect to Platform/MPX Clock Speed
MPX to
SYSCLK
Ratio
SYSCLK (MHz)
66
83
100
133
167
Platform/MPX Frequency (MHz) 1
1
SYSCLK frequency range is 66-167 MHz. Platform clock/ MPX
frequency range is 400 MHz, 500-533 MHz.
2
3
400
500
4
400
533
5
500
6
400
500
8
533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com