Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640D Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # MPC8640D
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640D Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button MPC8640D Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
116
Freescale Semiconductor
Thermal
Figure 60 depicts the primary heat transfer path for a package with an attached heat sink mounted to a
printed-circuit board.
Figure 60. C4 Package with Heat Sink Mounted to a Printed-Circuit Board
Heat generated on the active side of the chip is conducted through the silicon, through the heat sink attach
material (or thermal interface material), and finally to the heat sink where it is removed by forced-air
convection.
Because the silicon thermal resistance is quite small, the temperature drop in the silicon may be neglected
for a first-order analysis. Thus the thermal interface material and the heat sink conduction/convective
thermal resistances are the dominant terms.
19.2.2
Thermal Interface Materials
A thermal interface material is recommended at the package-to-heat sink interface to minimize the thermal
contact resistance. Figure 61 shows the thermal performance of three thin-sheet thermal-interface
materials (silicone, graphite/oil, floroether oil), a bare joint, and a joint with thermal grease as a function
of contact pressure. As shown, the performance of these thermal interface materials improves with
increasing contact pressure. The use of thermal grease significantly reduces the interface thermal
resistance. That is, the bare joint results in a thermal resistance approximately seven times greater than the
thermal grease joint.
Often, heat sinks are attached to the package by means of a spring clip to holes in the printed-circuit board
(see Figure 59). Therefore, synthetic grease offers the best thermal performance, considering the low
interface pressure, and is recommended due to the high power dissipation of the MPC8640. Of course, the
selection of any thermal interface material depends on many factors—thermal performance requirements,
manufacturability, service temperature, dielectric properties, cost, and so on.
External Resistance
External Resistance
Internal Resistance
Radiation
Convection
Radiation
Convection
Heat Sink
Printed-Circuit Board
Thermal Interface Material
Package/Leads
Die Junction
Die/Package
(Note the internal versus external package resistance.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com