Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641DEC Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPC8641DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641DEC Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC8641DEC Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
29
Ethernet: Enhanced Three-Speed Ethernet (eTSEC), MII Management
RGMII and RTBI signals are based on a 2.5-V CMOS interface voltage as defined by JEDEC
EIA/JESD8-5.
Table 24. GMII, MII, RMII, TBI and FIFO DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
Supply voltage 3.3 V
LVDD
TVDD
3.135
3.465
V
1, 2
1
LVDD supports eTSECs 1 and 2.
2
TVDD supports eTSECs 3 and 4.
Output high voltage
(LVDD/TVDD = Min, IOH = –4.0 mA)
VOH
2.40
—
V
Output low voltage
(LVDD/TVDD = Min, IOL = 4.0 mA)
VOL
—0.50
V
Input high voltage
VIH
2.0
—
V
Input low voltage
VIL
—0.90
V
Input high current
(VIN = LVDD, VIN = TVDD)
IIH
—40
μA
1, 2, 3
3
The symbol VIN, in this case, represents the LVIN and TVIN symbols referenced in Table 1 and Table 2.
Input low current
(VIN = GND)
IIL
–600
—
μA
3
Notes:
Table 25. GMII, RGMII, RTBI, TBI and FIFO DC Electrical Characteristics
Parameters
Symbol
Min
Max
Unit
Notes
Supply voltage 2.5 V
LVDD/TVDD
2.375
2.625
V
1, 2
1
LVDD supports eTSECs 1 and 2.
2
TVDD supports eTSECs 3 and 4.
Output high voltage
(LVDD/TVDD = Min, IOH = –1.0 mA)
VOH
2.00
—
V
Output low voltage
(LVDD/TVDD = Min, IOL = 1.0 mA)
VOL
—0.40
V
Input high voltage
VIH
1.70
—
V
Input low voltage
VIL
—0.90
V
Input high current
(VIN = LVDD, VIN = TVDD)
IIH
—10
μA
1, 2, 3
Input low current
(VIN = GND)
IIL
–15
—
μA
3
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com