Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641DEC Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8641DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641DEC Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8641DEC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
10
Freescale Semiconductor
Electrical Characteristics
Table 3. Output Drive Capability
Driver Type
Programmable
Output Impedance
(
Ω)
Supply
Voltage
Notes
DDR1 signal
18
36 (half strength mode)
D
n_GVDD = 2.5 V
4, 9
DDR2 signal
18
36 (half strength mode)
D
n_GVDD = 1.8 V
1, 5, 9
Local Bus signals
45
25
OVDD = 3.3 V
2, 6
eTSEC/10/100 signals
45
T/LVDD = 3.3 V
6
30
T/LVDD = 2.5 V
6
DUART, DMA, Multiprocessor Interrupts, System
Control & Clocking, Debug, Test, Power management,
JTAG and Miscellaneous I/O voltage
45
OVDD = 3.3 V
6
I2C
150
OVDD = 3.3 V
7
SRIO, PCI Express
100
SVDD = 1.1/1.05 V
3, 8
Notes:
1. See the DDR Control Driver registers in the MPC8641D reference manual for more information.
2. Only the following local bus signals have programmable drive strengths: LALE, LAD[0:31], LDP[0:3], LA[27:31], LCKE,
LCS[1:2], LWE[0:3], LGPL1, LGPL2, LGPL3, LGPL4, LGPL5, LCLK[0:2]. The other local bus signals have a fixed drive
strength of 45 ohms. See the POR Impedance Control register in the MPC8641D reference manual for more information
about local bus signals and their drive strength programmability.
3. See Section 17, “Signal Listings” for details on resistor requirements for the calibration of SD
n_IMP_CAL_TX and
SD
n_IMP_CAL_RX transmit and receive signals.
4. Stub Series Terminated Logic (SSTL-25) type pins.
5. Stub Series Terminated Logic (SSTL-18) type pins.
6. Low Voltage Transistor-Transistor Logic (LVTTL) type pins.
7. Open Drain type pins.
8. Low Voltage Differential Signaling (LVDS) type pins.
9. The drive strength of the DDR interface in half strength mode is at Tj = 105C and at Dn_GVDD (min).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com