Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641DEC Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MPC8641DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641DEC Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MPC8641DEC Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
96
Freescale Semiconductor
Signal Listings
D1_MCAS
AC10
O
D1_GVDD
D1_MCS[0:3]
AB9, AD10, AC12, AD11
O
D1_GVDD
D1_MCKE[0:3]
P7, M10, N8, M11
O
D1_GVDD
23
D1_MCK[0:5]
W6, E13, AH11, Y7, F14, AG10
O
D1_GVDD
D1_MCK[0:5]
Y6, E12, AH12, AA7, F13, AG11
O
D1_GVDD
D1_MODT[0:3]
AC9, AF12, AE11, AF10
O
D1_GVDD
D1_MDIC[0:1]
E15, G14
IO
D1_GVDD
27
D1_MVREF
AM18
DDR Port 1
reference
voltage
D1_GVDD /2
3
DDR Memory Interface 2 Signals2,3
D2_MDQ[0:63]
A7, B7, C5, D5, C8, D8, D6, A5, C4, A3, D3,
D2, A4, B4, C2, C1, E3, E1, H4, G1, D1, E4,
G3, G2, J4, J2, L1, L3, H3, H1, K1, L4, AA4,
AA2, AD1, AD2, Y1, AA1, AC1, AC3, AD5,
AE1, AG1, AG2, AC4, AD4, AF3, AF4, AH3,
AJ1, AM1, AM3, AH1, AH2, AL2, AL3, AK5,
AL5, AK7, AM7, AK4, AM4, AM6, AJ7
I/O
D2_GVDD
D2_MECC[0:7]
H6, J5, M5, M4, G6, H7, M2, M1
I/O
D2_GVDD
D2_MDM[0:8]
C7, B3, F4, J1, AB1, AE2, AK1, AM5, K6
O
D2_GVDD
D2_MDQS[0:8]
B6, B1, F1, K2, AB3, AF1, AL1, AL6, L6
I/O
D2_GVDD
D2_MDQS[0:8]
A6, A2, F2, K3, AB2, AE3, AK2, AJ6, K5
I/O
D2_GVDD
D2_MBA[0:2]
W5, V5, P3
O
D2_GVDD
D2_MA[0:15]
W1, U4, U3, T1, T2, T3, T5, R2, R1, R5, V4,
R4, P1, AH5, P4, N1
O
D2_GVDD
D2_MWE
Y4
O
D2_GVDD
D2_MRAS
W3
O
D2_GVDD
D2_MCAS
AB5
O
D2_GVDD
D2_MCS[0:3]
Y3, AF6, AA5, AF7
O
D2_GVDD
D2_MCKE[0:3]
N6, N5, N2, N3
O
D2_GVDD
23
D2_MCK[0:5]
U1, F5, AJ3, V2, E7, AG4
O
D2_GVDD
Table 63. MPC8641 Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com