Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641DEC Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MPC8641DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641DEC Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MPC8641DEC Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
101
Signal Listings
TSEC4_RX_CLK
AG13
I
TVDD
40
Local Bus Signals5
LAD[0:31]
A30, E29, C29, D28, D29, H25, B29, A29,
C28, L22, M22, A28, C27, H26, G26, B27,
B26, A27, E27, G25, D26, E26, G24, F27,
A26, A25, C25, H23, K22, D25, F25, H22
I/O
OVDD
6
LDP[0:3]
A24, E24, C24, B24
I/O
OVDD
6, 22
LA[27:31]
J21, K21, G22, F24, G21
O
OVDD
6, 22
LCS[0:4]
A22, C22, D23, E22, A23
O
OVDD
7
LCS[5]/DMA_DREQ[2]
B23
O
OVDD
7, 9, 10
LCS[6]/DMA_DACK[2]
E23
O
OVDD
7, 10
LCS[7]/DMA_DDONE[2]
F23
O
OVDD
7, 10
LWE[0:3]/
LSDDQM[0:3]/
LBS[0:3]
E21, F21, D22, E20
O
OVDD
6
LBCTL
D21
O
OVDD
LALE
E19
O
OVDD
LGPL0/LSDA10
F20
O
OVDD
25
LGPL1/LSDWE
H20
O
OVDD
25
LGPL2/LOE/
LSDRAS
J20
O
OVDD
LGPL3/LSDCAS
K20
O
OVDD
6
LGPL4/LGTA/
LUPWAIT/LPBSE
L21
I/O
OVDD
42
LGPL5
J19
O
OVDD
6
LCKE
H19
O
OVDD
LCLK[0:2]
G19, L19, M20
O
OVDD
LSYNC_IN
M19
I
OVDD
LSYNC_OUT
D20
O
OVDD
Table 63. MPC8641 Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com