Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641DEC Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # MPC8641DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641DEC Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button MPC8641DEC Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
116
Freescale Semiconductor
Thermal
Tyco Electronics
800-522-6752
Chip Coolers™
P.O. Box 3668
Harrisburg, PA 17105-3668
Internet: www.chipcoolers.com
Wakefield Engineering
603-635-5102
33 Bridge St.
Pelham, NH 03076
Internet: www.wakefield.com
Ultimately, the final selection of an appropriate heat sink depends on many factors, such as thermal
performance at a given air velocity, spatial volume, mass, attachment method, assembly, and cost.
19.2.1
Internal Package Conduction Resistance
For the exposed-die packaging technology described in Table 71, the intrinsic conduction thermal
resistance paths are as follows:
•
The die junction-to-case thermal resistance (the case is actually the top of the exposed silicon die)
•
The die junction-to-board thermal resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com