Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8641DEC Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # MPC8641DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641DEC Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button MPC8641DEC Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
127
System Design Information
TSEC2_TXD[4] and TSEC2_TX_ER pins function as cfg_dram_type[0 or 1] at reset and MUST BE
VALID BEFORE HRESET ASSERTION when coming out of device sleep mode.
20.6.1
Special instructions for Single Core device
The mechanical drawing for the single core device does not have all the solder balls that exist on the single
core device. This includes all the balls for VDD_Core1 and SENSEVDD_Core1 which exist on the
package for the dual core device, but not on the single core package. A solder ball is present for
SENSEVSS_Core1 and needs to be connected to ground with a weak (2-10 kΩ) pull down resistor.
Likewise, AVDD_Core1 needs to be pulled to ground as shown in Figure 64.
The mechanical drawing for the single core device is located in Section 16.2, “Mechanical Dimensions of
the MPC8641 FC-CBGA.”
For other pin pull-up or pull-down recommendations of signals, please see Section 17, “Signal Listings.”
20.7
Output Buffer DC Impedance
The MPC8641 drivers are characterized over process, voltage, and temperature. For all buses, the driver
is a push-pull single-ended driver type (open drain for I2C).
To measure Z0 for the single-ended drivers, an external resistor is connected from the chip pad to OVDD
or GND. Then, the value of each resistor is varied until the pad voltage is OVDD/2 (see Figure 66). The
output impedance is the average of two components, the resistances of the pull-up and pull-down devices.
When data is held high, SW1 is closed (SW2 is open) and RP is trimmed until the voltage at the pad equals
OVDD/2. RP then becomes the resistance of the pull-up devices. RP and RN are designed to be close to each
other in value. Then, Z0 = (RP + RN)/2.
Figure 66. Driver Impedance Measurement
OVDD
OGND
RP
RN
Pad
Data
SW1
SW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com