Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR083 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Proximity Capacitive Touch Sensor Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPR083 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
MPR083
Sensors
22
Freescale Semiconductor
Preliminary
9
Sensitivity
9.1
Introduction
The MPR083 can operate in a variety of environments with a variety of different electrode patterns. Because of this it is necessary
to adjust the relative sensitivity of the sensor controller. Usually this requires fine tuning in any final application.
There are many factors that must be taken into account, but much of the time this value is relative to the capacitance changes
generated by a touch. Since capacitance is directly proportional to the dielectric constant of the material and the area of the pad,
while inversely proportional to the distance between pads these are the primary factors.
Equation 8
As the relative capacitance rises the sensitivity setting of the MPR083 should be adjusted accordingly. Thus a very high sensitivity
value represents a large A and a small d.
9.2
Adjusting the Sensitivity
The sensitivity of the MPR083 is adjusted by varying the Sensitivity Threshold Register.
9.2.1
Sensitivity Threshold Register
The sensitivity register allows the sensitivity of the MPR083 to be adjusted for any situation. The I2C slave address of the
Sensitivity Threshold Register is 0x04.
Figure 26. Sensitivity Threshold Register
7
6
543210
R
SL
W
Reset:
0
0
000000
= Unimplemented
Table 16. Sensitivity Threshold Register Field Descriptions
Field
Description
7:0
ST
Sensitivity Threshold – The Sensitivity Threshold selects or reports the sensitivity
setting of the Sensor Controller. The resulting value must be in the range 1 to 64
units. If the value is outside of this range the ST will be set to 00111111.
00000000 Encoding 0 – Sets the sensitivity to level 1
~
00111111 Encoding 63 – Sets the sensitivity to level 64
C
ke0A
d
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com