Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR083 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Proximity Capacitive Touch Sensor Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPR083 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
MPR083
Sensors
16
Freescale Semiconductor
Preliminary
5.3
Configuration
Low Power Configuration is achieved through setting two values; the Idle Timeout Period and the Sleep Cycle Duration. This
functionality is described in the following section.
5.3.1
Low Power Configuration Register
The Low Power Configuration register is used to set both the Idle Timeout Period and Sleep Cycle Duration multiplication factors.
The I2C slave address of the Low Power Configuration Register is 0x08.
Figure 19. Low Power Configuration Register
7
6
543210
R
ITP
SCD
W
Reset:
0
0
000000
= Unimplemented
Table 11. Low Power Configuration Register Field Descriptions
Field
Description
7:5
ITP
Idle Timeout Period – The Idle Timeout Period selects the amount to multiply the
TASP (touch acquisition sample period) by to determine the idle interface timeout
(IIT) period of the sensor controller.
000 Encoding 0 – Disables Low Power Mode
001 Encoding 1 – Sets the ITP multiplication factor to 1
~
111 Encoding 7 – Sets the ITP multiplication factor to 7
4:0
SCD
Sleep Cycle Duration – The Sleep Cycle Duration Field selects the amount to
multiply the TASP (touch acquisition sample period) by to determine the Sleep
period of the sensor controller.
00000 Encoding 0 – Disables Low Power Mode
00001 Encoding 1 – Sets the SCD multiplication factor to 1
~
11111 Encoding 31 – Sets the SCD multiplication factor to 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com