Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR083 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Proximity Capacitive Touch Sensor Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPR083 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
MPR083
Sensors
12
Freescale Semiconductor
Preliminary
4
Modes of Operation
4.1
Introduction
The operating modes of the MPR083 are described in this section. Implementation and functionality of each mode are described.
The Modes of Operation of the MPR083 combine to form a suite of quick response and low power consumption functionality. This
is achieved through 2 Run modes and 2 Stop Modes. The two modes are enabled by toggling the Configuration Register’s DCE
and RUNE bits as shown in Table 7. Note that while in a run mode, the only register that can be written to is the Configuration
Register. Thus, when changes to registers are needed, enter Stop1 mode, write to the registers and change the mode to “Run”.
4.2
Initial Power Up
On power-up, the interrupt output IRQ is reset, and IRQ will go high. The registers are reset to the values shown in Table 8.
Table 7. Mode Enable Register Bits
Mode
RUNE
DCE
Run1
1
1
Run2
1
0
Stop1
0
1
Stop2
0
0
Table 8. Power-Up Register Configurations
Register Function
Power-Up Condition
Register Address
HEX Value
FIFO Register
FIFO is empty
0x00
0x40
Fault Register
No faults
0x01
0x00
Rotary Status Register
Rotary is untouched
0x02
0x00
Rotary Configuration Register
Rotary is enabled, without interrupts, with
sounder enabled and Auto-Cal Disabled
0x03
0x81
Sensitivity Threshold Register
Maximum sensitivity
0x04
0x00
Master Tick Period Register
Master clock period is 10ms
0x05
0x05
Touch Acquisition Sample Period
Register
TASP is 1 master tick period
0x06
0x01
Sounder Configuration Register
Sounder is globally enabled, 10ms of 1kHz
0x07
0x01
Low Power Configuration Register
Low Power Mode is disabled
0x08
0x00
Stuck Key Timeout Register
Stuck key detector disabled
0x09
0x00
Configuration Register
Stop1 Mode. IRQ is disabled
0x0A
0x14
Sensor Information Register
Fixed SensorInfo based on revision
0x0B
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com