Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH111 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSH111
Description  WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH111 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSH111 Datasheet HTML 4Page - STMicroelectronics TSH111 Datasheet HTML 5Page - STMicroelectronics TSH111 Datasheet HTML 6Page - STMicroelectronics TSH111 Datasheet HTML 7Page - STMicroelectronics TSH111 Datasheet HTML 8Page - STMicroelectronics TSH111 Datasheet HTML 9Page - STMicroelectronics TSH111 Datasheet HTML 10Page - STMicroelectronics TSH111 Datasheet HTML 11Page - STMicroelectronics TSH111 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TSH110-TSH111-TSH112-TSH113-TSH114
8/19
(fig.1) Closed Loop Gain vs. Frequency
AV=+1, Rfb=2.2kΩ, Cfb=2pF, RL=100Ω, Vin=100mVp
(fig.3) Closed Loop Gain vs. Frequency
AV=+2, Rfb=680Ω, Cfb=2pF, RL=100Ω, Vin=100mVp
(fig.5) Closed Loop Gain vs. Frequency
AV=+10, Rfb=510Ω, RL=100Ω, Vin=30mVp
(fig.2) Closed Loop Gain vs. Frequency
AV=-1, Rfb=2.2kΩ, Cfb=2pF, RL=100Ω, Vin=100mVp
(fig.4) Closed Loop Gain vs. Frequency
AV=-2, Rfb=680kΩ, Cfb=2pF, RL=100Ω, Vin=100mVp
(fig.6) Closed Loop Gain vs. Frequency
AV=-10, Rfb=510Ω, RL=100Ω, Vin=30mVp
1
10
100
-10
-8
-6
-4
-2
0
2
-120
-100
-80
-60
-40
-20
0
20
40
Vcc=±6V
Vcc=±2.5V
Vcc=±6V
Vcc=±2.5V
Frequency (MHz)
phase
gain
110
100
-4
-2
0
2
4
6
-120
-100
-80
-60
-40
-20
0
20
40
phase
gain
Vcc=±6V
Vcc=±2.5V
Vcc=±6V
Vcc=±2.5V
Frequency (MHz)
1
10
100
10
12
14
16
18
20
22
-120
-100
-80
-60
-40
-20
0
20
40
phase
gain
Vcc=±6V
Vcc=±2.5V
Vcc=±6V
Vcc=±2.5V
Frequency (MHz)
1
10
100
-10
-8
-6
-4
-2
0
2
-300
-280
-260
-240
-220
-200
-180
-160
-140
Vcc=±6V
Vcc=±2.5V
Vcc=±6V
Vcc=±2.5V
Frequency (MHz)
110
100
-4
-2
0
2
4
6
-300
-280
-260
-240
-220
-200
-180
-160
-140
phase
gain
Vcc=±6V
Vcc=±2.5V
Vcc=±6V
Vcc=±2.5V
Frequency (MHz)
110
100
10
12
14
16
18
20
22
-300
-280
-260
-240
-220
-200
-180
-160
-140
phase
gain
Vcc=±6V
Vcc=±2.5V
Vcc=±2.5V
Vcc=±6V
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com