Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH111 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH111
Description  WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH111 Datasheet(HTML) 3 Page - STMicroelectronics

  TSH111 Datasheet HTML 1Page - STMicroelectronics TSH111 Datasheet HTML 2Page - STMicroelectronics TSH111 Datasheet HTML 3Page - STMicroelectronics TSH111 Datasheet HTML 4Page - STMicroelectronics TSH111 Datasheet HTML 5Page - STMicroelectronics TSH111 Datasheet HTML 6Page - STMicroelectronics TSH111 Datasheet HTML 7Page - STMicroelectronics TSH111 Datasheet HTML 8Page - STMicroelectronics TSH111 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TSH110-TSH111-TSH112-TSH113-TSH114
3/19
ELECTRICAL CHARACTERISTICS (pages 3 and 4)
Dual Supply Voltage, V
CC= ±2.5Volts, R*fb = 680Ω, Tamb = 25
°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DC PERFORMANCE
Vio
Input Offset Voltage
Tamb
-1.5
0.3
2.0
mV
Tmin. < Tamb < Tmax.
1mV
∆V
io
Input Offset Voltage Drift vs. Temperature Tmin. < Tamb < Tmax.
5
µV/°C
Iib+
Non Inverting Input Bias Current
Tamb
-10
1.4
13
µA
Tmin. < Tamb < Tmax.
2.5
µA
Iib-
Inverting Input Bias Current
Tamb
-3
1.9
7
µA
Tmin. < Tamb < Tmax.
2.5
µA
ROL
Transimpedance
RL=100Ω
500
750
k
Ω
ICC
Supply Current per Operator
Tamb
3.2
4
mA
Tmin. < Tamb < Tmax.
3.5
mA
CMR
Common Mode Rejection Ratio
(
∆Vic/∆Vio)
56
60
dB
SVR
Supply Voltage Rejection Ratio
(
∆VCC/∆Vio)
70
80
dB
PSR
Power Supply Rejection Ratio
(
∆VCC/∆Vout)
Gain=1, Rload=3.9k
Ω
48
dB
DYNAMIC PERFORMANCE and OUTPUT CHARACTERISTICS
Voh
High Level Output Voltage
Tamb
RL = 100Ω
1.4
2
V
Tmin. < Tamb < Tmax.
RL = 100Ω GND
1.9
V
Vol
Low Level Output Voltage
Tamb
RL = 100Ω
-1.8
-1.3
V
Tmin. < Tamb < Tmax.
RL = 100Ω
-1.7
V
| Isink |
Output Sink current
Tmin. < Tamb < Tmax.
20
mA
Isource
Output Source current
Tmin. < Tamb < Tmax.
18
mA
BW
-3dB Bandwidth
Vout=1Vpk, Rfb*=820
Ω//2pF
Load=100
Ω
AVCL=+2
81
MHz
SR
Slew Rate
AVCL=+2, 2V step
Load=100
Ω
160
230
V/
µs
Tr
Rise Time
for 200mV step
AVCL=+2, Rfb*=820Ω//2pF
Load=100
Ω
9ns
Tf
Fall Time
9ns
Ov
Overshoot
16
%
St
Settling Time @ 0.05%
60
ns
∆G
Differential gain
AVCL=+2, RL=100Ω
F=4.5MHz, Vout=1Vpeak
0.05
%
∆φ
Differential phase
0.05
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com