Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH111 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSH111
Description  WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH111 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSH111 Datasheet HTML 9Page - STMicroelectronics TSH111 Datasheet HTML 10Page - STMicroelectronics TSH111 Datasheet HTML 11Page - STMicroelectronics TSH111 Datasheet HTML 12Page - STMicroelectronics TSH111 Datasheet HTML 13Page - STMicroelectronics TSH111 Datasheet HTML 14Page - STMicroelectronics TSH111 Datasheet HTML 15Page - STMicroelectronics TSH111 Datasheet HTML 16Page - STMicroelectronics TSH111 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TSH110-TSH111-TSH112-TSH113-TSH114
13/19
Intermodulation Distortion
A non-ideal output of the amplifier can be de-
scribed by the following development :
Vout=C0+C1(Vin)+C2(Vin)
2+C
3(Vin)
3+...+C
n(Vin)
n
due to a non-linearity in the input-output amplitude
transfert. In the case of Vin=Asinωt, CO is the DC
component, C1(Vin) is the fundamental, CnA
n is
the amplitude of the harmonics.
A one-frequency or one-tone input signal contrib-
utes to a harmonic distortion. A two-tones input
signal contributes to a harmonic distortion and in-
termodulation product.
This intermodulation product or intermodulation
distortion of a two-tones input signal is the first
step of the amplifier study for driving capability in
the case of a multitone signal.
In this case Vin=Asinω1t+Bsinω2t, and :
V
out=
C
O+C1(Asinω1t+Bsinω2t)
+
C2(Asinω1t+Bsinω2t)2+C3(Asinω1t+Bsinω2t)3
+
...C
n(Vin)
n
V
out=
C
O+C1(Asinω1t+Bsinω2t)
+
C2(A2+B2)/2-(C2/2)(A2cos2ω1t+B2cos2ω2t)
+
2C
2AB(cos(ω1-ω2)t-cos(ω1+ω2)t)
+
(3C
3/4)
(A3sin
ω
1t+B
3sin
ω
2t+2A
2Bsin
ω
2t+2B
2Asin
ω
1t)
+
(C
3A
3sin3
ω
1t+B
3sin
3ω
2t)
+
(3C
3A
2B/2)(sin(2
ω
1-ω2)t-1/2sin(2ω1+ω2)t)
+
(3C3B2A/2)(sin(−ω1+2ω2)t-1/2sin(ω1+2ω2)t)
+
...C
n(Vin)
n
In this expression, we can recognize the second
order intermodulation IM2 by the frequencies
(
ω
1-ω2) and (ω1+ω2) and the third order intermod-
ulation IM3 by the frequencies (2
ω
1-ω2), (2ω1+ω2),
(
−ω
1+2ω2) and (ω1+2ω2).
The following graphs show the IM3 of the amplifier
in two cases as a function of the output amplitude.
The two-tones input signal is achieved by the mul-
tisource generator Marconi 2026. Each tone has
the
same
amplitude.
The
measurement
is
achieved by the spectrum analyser HP 3585A.
Both instruments are phase locked to enhance
measurement precision.
(fig.30): 3rd Order Intermodulation (180kHz &
280kHz)
AV=+4, Rfb=680Ω, no Cfb, RL=100Ω, Vcc=±6V
(fig.31): 3rd Order Intermodulation (1MHz &
1.1MHz)
AV=+2, Rfb=680Ω, Cfb=2pF, RL=100Ω, Vcc=±2.5V
012345
-100
-95
-90
-85
-80
-75
-70
-65
-60
640kHz
80kHz
380kHz
740kHz
O utput Am plitude (V
peak
)
0.0
0.5
1.0
1.5
2.0
-100
-95
-90
-85
-80
-75
-70
-65
-60
900kHz
1.2MHz
3.1MHz
3.2MHz
Output Amplitude (V
peak
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com