Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCMMS Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GCMMS
Description  Absolute encoders - modular bus covers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GCMMS Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GCMMS Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GCMMS Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GCMMS Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GCMMS Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Absolute encoders - modular bus covers
www.baumerivo.com
2
GCMMS - magtivo
Part number
GCMMS.
20
Interface
3P32
Profibus-DPV0 / cable gland
3PA2
Profibus-DPV0 / connector
M12
3V32
Profibus-DPV2 / cable gland
3VA2
Profibus-DPV2 / connector
M12
EPA2 EtherCAT / connector M12
5P32
CANopen / cable gland
5PA2
CANopen / connector M12
8P22
DeviceNet / cable gland
8PA2
DeviceNet / connector M12
LM32 Fiber-optic / cable gland
2PA2
SSI / connector M12
End shaft
0 End shaft ø12 mm without pin
1 End shaft ø12 mm with pin 15 mm
B End shaft ø12 mm with pin 9.5 mm
Magnetical sensing, end shaft
Multiturn encoder 12 bit ST / 16 bit MT
CANopen / DeviceNet / EtherCAT / Profibus / SSI / Lightbus
Accessories
Connectors and cables
Z 119.034
Connector for data cable fibre-optic
Mounting accessories
Z 119.024
Torque support and spring washer for
encoders with 9.5 mm pin
Z 119.041
Torque support by rubber buffer element for
encoders with 15 mm pin
Z 119.050
Spring coupling
Z 119.053
Spring coupling height 19.1 mm
Z 119.070
Spring coupling height 29.1 mm
Z 119.072
Spring coupling for encoders with ø58 mm
housing, hole distance 73 mm
Z 119.073
Spring coupling for encoders with ø58 mm
housing, hole distance 68 mm
Z 119.076
Spring coupling for encoders with ø58 mm
housing
Z 119.082
Spring coupling for encoders with ø58 mm
housing, hole distance 63 mm
Programming accessories
Z 150.022
CD with describing files & manuals
Z 139.008
Programming cable for encoders with SSI bus
cover, CD with software and manual
CD with file descriptions is not included in the delivery.
You may order them on CD as accessory free-of-charge
under part number Z 150.022.
Matching bus covers are listed in the chapter “Accessories”.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com