Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCMMS Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # GCMMS
Description  Absolute encoders - modular bus covers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GCMMS Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  GCMMS Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GCMMS Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GCMMS Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GCMMS Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Absolute encoders - modular bus covers
1
www.baumerivo.com
www.baumerivo.com
GCMMS with modular bus cover
Features
Encoder multiturn / bus cover
–
Magnetic sensing
–
Resolution: singleturn 12 bit, multiturn 16 bit
–
End shaft ø12 mm
–
Encoder for heavy-duty applications
–
New innovative sensing technology
–
Modular bus interface concept
–
CANopen/DeviceNet/EtherCAT/Profibus/SSI/fibre-
–
optic
Code continuity check optional by bus
–
Technical data - electrical ratings
Voltage supply
10...30 VDC
Reverse polarity protection Yes
Consumption w/o load
≤100 mA (24 VDC)
Initializing time (typ.)
250 ms after power on
Interfaces
Profibus-DPV0 / V2, CANopen,
DeviceNet, EtherCAT, Fiber-
optic bus, SSI
Function
Multiturn
User address
Rotary switch in bus cover
(type-specific)
Steps per turn
4096 / 12 bit
Number of turns
65536 / 16 bit
Absolute accuracy
±1°
Sensing method
Magnetic
Code
Binary
Code sequence
CW/CCW programmable
Interference immunity
DIN EN 61000-6-2
Emitted interference
DIN EN 61000-6-4
Programmable
parameters
Steps per revolution
Number of revolutions
Preset
Scaling
Rotational direction
Diagnostic functions
Position or parameter error
Multiturn sensing
Status indicator
DUO-LED integrated in bus
cover
Approval
UL approval / E63076
GCMMS - magtivo
Technical data - mechanical design
Housing
ø58 mm
Shaft
ø12 mm end shaft
Protection DIN EN 60529 IP 54
Operating speed
≤6000 rpm (mechanical)
≤6000 rpm (electric)
Starting torque
≤0.015 Nm
Rotor moment of inertia
20 gcm²
Materials
Housing: steel
Flange: steel
Bus cover: zinc die-cast
or aluminium
Operating temperature
-25...+85 °C
-40...+85 °C (optional)
Relative humidity
95 % non-condensing
Resistance
DIN EN 60068-2-6
Vibration 10 g, 16-2000 Hz
DIN EN 60068-2-27
Shock 200 g, 6 ms
Weight approx.
650 g
E-connection
Bus cover
Magnetical sensing, end shaft
Multiturn encoder 12 bit ST / 16 bit MT
CANopen / DeviceNet / EtherCAT / Profibus / SSI / Lightbus


Similar Part No. - GCMMS

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GCMMW IVO-GCMMW Datasheet
683Kb / 4P
Absolute encoders - modular bus covers
GCMMW.0202PA2 IVO-GCMMW.0202PA2 Datasheet
683Kb / 4P
Absolute encoders - modular bus covers
GCMMW.0203P32 IVO-GCMMW.0203P32 Datasheet
683Kb / 4P
Absolute encoders - modular bus covers
GCMMW.0203PA2 IVO-GCMMW.0203PA2 Datasheet
683Kb / 4P
Absolute encoders - modular bus covers
GCMMW.0203V32 IVO-GCMMW.0203V32 Datasheet
683Kb / 4P
Absolute encoders - modular bus covers
More results

Similar Description - GCMMS

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G0AMH IVO-G0AMH Datasheet
512Kb / 4P
Absolute encoders - modular bus covers
G1MMH IVO-G1MMH Datasheet
512Kb / 4P
Absolute encoders - modular bus covers
GBAMS IVO-GBAMS Datasheet
667Kb / 4P
Absolute encoders - modular bus covers
GBAMW IVO-GBAMW Datasheet
686Kb / 4P
Absolute encoders - modular bus covers
GCMMW IVO-GCMMW Datasheet
683Kb / 4P
Absolute encoders - modular bus covers
GEMMH IVO-GEMMH Datasheet
494Kb / 4P
Absolute encoders - modular bus covers
GEMMW IVO-GEMMW Datasheet
384Kb / 2P
Absolute encoders - modular bus covers
GXAMW IVO-GXAMW Datasheet
686Kb / 4P
Absolute encoders - modular bus covers
GXMMS IVO-GXMMS Datasheet
716Kb / 4P
Absolute encoders - modular bus covers
GXMMW IVO-GXMMW Datasheet
735Kb / 4P
Absolute encoders - modular bus covers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com