Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCMMS Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # GCMMS
Description  Absolute encoders - modular bus covers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GCMMS Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  GCMMS Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GCMMS Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GCMMS Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GCMMS Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Absolute encoders - modular bus covers
3
www.baumerivo.com
www.baumerivo.com
GCMMS - magtivo
Magnetical sensing, end shaft
Multiturn encoder 12 bit ST / 16 bit MT
CANopen / DeviceNet / EtherCAT / Profibus / SSI / Lightbus
Dimensions
Profibus-DP, CANopen
60
60
Profibus-DP - M12
DeviceNet
60
60
CANopen, DeviceNet M12
EtherCAT
60
L/A
60
SSI
Fibre-optic
58
20
33
18
33
7.5
85.5
ø14 H7 x 35 (ø12 H7 x 35)
24
15 (9.5)
20
M3
x 6
(6x
)
15°
GCMMS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com