Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA653IDBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA653IDBVR
Description  Wideband, Fixed Gain, JFET-Input AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA653IDBVR Datasheet(HTML) 1 Page - Texas Instruments

  OPA653IDBVR Datasheet HTML 1Page - Texas Instruments OPA653IDBVR Datasheet HTML 2Page - Texas Instruments OPA653IDBVR Datasheet HTML 3Page - Texas Instruments OPA653IDBVR Datasheet HTML 4Page - Texas Instruments OPA653IDBVR Datasheet HTML 5Page - Texas Instruments OPA653IDBVR Datasheet HTML 6Page - Texas Instruments OPA653IDBVR Datasheet HTML 7Page - Texas Instruments OPA653IDBVR Datasheet HTML 8Page - Texas Instruments OPA653IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
OP
A653
1
FEATURES
DESCRIPTION
APPLICATIONS
OPA653
V
OUT
V
IN-
V
IN+
160 W
49.9 W
160 W
49.9 W
0.1 F
m
10 F
m
0.1 F
m
10 F
m
+6V
-
6V
50-W
Load
50-W
Source
V
S+
V
S-
6
3
0
3
6
9
12
15
-
-
-
-
-
-
18
100k
1M
10M
100M
1G
Frequency(Hz)
V =200mV
O
PP
SMALL-SIGNALFREQUENCYRESPONSE
NONINVERTINGGAINOF+2V/V
50-
TESTENVIRONMENT
W
OPA653
www.ti.com........................................................................................................................................................................................... SBOS348 – DECEMBER 2008
Wideband, Fixed Gain, JFET-Input AMPLIFIER
2
• HIGH BANDWIDTH: 500 MHz (G = +2 V/V)
The
OPA653
combines
a
very
wideband
voltage-feedback
operational
amplifier
with
a
• HIGH SLEW RATE: 2675 V/µs (4-V Step)
JFET-input stage with internal gain setting resistors to
• EXCELLENT THD: –71dBc at 10 MHz
achieve an ultra-high, dynamic-range amplifier for
• LOW INPUT VOLTAGE NOISE: 6.1 nV/√Hz
fixed gain of +2-V/V or –1-V/V applications.
• FAST OVERDRIVE RECOVERY: 8 ns
The 500-MHz wide gain of +2-V/V bandwidth is
• FAST SETTLING TIME (1% 4-V Step): 7.9 ns
complemented by a very high 2675-V/
µs slew rate
and
fast
settling
time
that
make
it
ideal
for
• LOW INPUT OFFSET VOLTAGE: ±1 mV
time-domain and pulse-oriented applications.
• LOW INPUT BIAS CURRENT: ±10 pA
Excellent –72-dBc THD distortion performance at
• HIGH INPUT IMPEDANCE: 1012 Ω||2.5 pF
10 MHz makes the OPA653 an excellent choice for
• INTERNAL GAIN SETTING RESISTORS:
frequency-domain and FFT analysis applications.
G = +2 V/V or G = –1 V/V
Additionally, with the low 6.1-nV/
√Hz voltage noise,
• HIGH OUTPUT CURRENT: 70 mA
low bias current, and high impedance JFET input, it
supports very low noise, wideband, high input
impedance
applications.
Examples
include
• TEST AND MEASUREMENT FRONT-END
high-impedance probes, data acquisition cards, and
• HIGH-INPUT IMPEDANCE PROBES
oscilloscope front-ends.
• DATA ACQUISITION CARDS
RELATED
• OSCILLOSCOPE INPUT
OPERATIONAL AMPLIFIER
• ADC INPUT AMPLIFIER
PRODUCTS
VOLTAGE
SLEW
BW
RATE
NOISE
AMPLIFIER
DEVICE
VS (V)
(MHz)
(V/
µs)
(nV/
√Hz)
DESCRIPTION
Unity-Gain
OPA356
+5
200
300
5.80
Stable CMOS
Unity-Gain
OPA656
±5
500
290
7
Stable
JFET-Input
Gain of +7
OPA657
±5
350
700
4.8
Stable
JFET-Input
Unity-Gain
OPA659
±6
650
2550
8.9
Stable
JFET-Input
Unity-Gain
THS4631
±15
105
900
7
Stable
JFET-Input
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA653IDBVR

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
OPA6530S1 KODENSHI-OPA6530S1 Datasheet
115Kb / 1P
Point Light Source LED Chip
OPA6530SR KODENSHI-OPA6530SR Datasheet
125Kb / 1P
Point Light Source LED Chip
logo
Texas Instruments
OPA653 TI-OPA653_15 Datasheet
1Mb / 26P
Wideband, Fixed Gain, JFET-Input AMPLIFIER
More results

Similar Description - OPA653IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4302 TI-THS4302 Datasheet
602Kb / 23P
WIDEBAND FIXED-GAIN AMPLIFIER
THS4303 TI-THS4303 Datasheet
611Kb / 24P
WIDEBAND FIXED-GAIN AMPLIFIER
OPA659 TI-OPA659 Datasheet
930Kb / 25P
Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA659 NSC-OPA659 Datasheet
1Mb / 32P
Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
WIDEBAND FIXED-GAIN AMPLIFIER
OPA653 TI-OPA653_15 Datasheet
1Mb / 26P
Wideband, Fixed Gain, JFET-Input AMPLIFIER
OPA659 TI-OPA659_15 Datasheet
1Mb / 35P
OPA659 Wideband, Unity-Gain Stable, JFET-Input Operational Amplifier
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
WIDEBAND FIXED-GAIN AMPLIFIER
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA682 TI1-OPA682 Datasheet
226Kb / 21P
Wideband, Fixed Gain BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com