Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA653IDBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA653IDBVR
Description  Wideband, Fixed Gain, JFET-Input AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA653IDBVR Datasheet(HTML) 3 Page - Texas Instruments

  OPA653IDBVR Datasheet HTML 1Page - Texas Instruments OPA653IDBVR Datasheet HTML 2Page - Texas Instruments OPA653IDBVR Datasheet HTML 3Page - Texas Instruments OPA653IDBVR Datasheet HTML 4Page - Texas Instruments OPA653IDBVR Datasheet HTML 5Page - Texas Instruments OPA653IDBVR Datasheet HTML 6Page - Texas Instruments OPA653IDBVR Datasheet HTML 7Page - Texas Instruments OPA653IDBVR Datasheet HTML 8Page - Texas Instruments OPA653IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ELECTRICAL CHARACTERISTICS: VS = ±6 V
OPA653
www.ti.com........................................................................................................................................................................................... SBOS348 – DECEMBER 2008
At G = +2 V/V, RL = 100 Ω, and TA = +25°C, unless otherwise noted.
OPA653
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
AC PERFORMANCE
Small-Signal Bandwidth
VO = 200 mVPP
500
MHz
C
Bandwidth for 0.1-dB Flatness
VO = 2 VPP
75
MHz
C
Large-Signal Bandwidth
VO = 2 VPP
475
MHz
B
Slew Rate
VO = 4-V Step
2675
V/
µs
B
Rise and Fall Time
VO = 4-V Step
1.3
ns
C
Settling Time to 1%
VO = 4-V Step
7.9
ns
C
Pulse Response Overshoot
VO = 4-V Step
14
%
C
Harmonic Distortion
f = 10 MHz, VO = 2 VPP
2nd harmonic
–72
dBc
C
3rd harmonic
–90
dBc
C
VO = 2-VPP envelope (each tone 1 VPP),
Intermodulation Distortion
f1 = 10 MHz, f2 = 11 MHz
Second-order Intermodulation
–75
dBc
C
Third-order Intermodulation
–96
dBc
C
Input Voltage Noise
f > 100 kHz
6.1
nV/
√Hz
C
Input Current Noise
f > 100 kHz
1.8
fA/
√Hz
C
DC PERFORMANCE
Gain Error
TA = +25°C
±0.5
±1.25
%
A
TA = –40° C to +85°C
±0.6
±1.35
%
B
Internal RF and RG
140
160
180
Ω
A
Open-Loop Voltage Gain (AOL)
(2)
62
dB
C
Input Offset Voltage
TA = +25°C, VCM = 0 V
±1
±5
mV
A
TA = –40°C to +85°C, VCM = 0 V
±3
±7
mV
B
Average input offset voltage drift
TA = –40°C to +85°C, VCM = 0 V
±15
±30
µV/°C
B
Input Bias Current, Noninverting input
TA = +25°C, VCM = 0 V
±10
±50
pA
A
TA = 0°C to + 70°C, VCM = 0 V
±240
±1200
pA
B
TA = –40°C to +85°C, VCM = 0 V
±640
±3200
pA
B
Average input bias current drift,
TA = 0°C to +70°C, VCM = 0 V
±5
±26
pA/°C
B
noninverting input
TA = –40°C to +85°C, VCM = 0 V
±7
±34
pA/°C
B
INPUT
Input Voltage Range
VIN+ = VIN–
±3.5
V
C
Noninverting Input Impedance
Ω
pF
C
1012
2.5
OUTPUT
Output Voltage Swing
TA = +25°C, No load
±4.35
±4.45
V
A
TA = +25°C, RL = 100 Ω
±3.2
±3.6
V
A
Output Voltage Swing
TA = –40°C to +85°C, No load
±4.2
±4.3
V
B
TA = –40°C to +85°C, RL = 100 Ω
±3.07
±3.2
V
B
Output Current, Sourcing, Sinking
TA = +25°C
±60
±70
mA
A
TA = –40°C to +85°C
±56
±66
mA
B
Closed-Loop Output Impedance
f = 100 kHz
0.16
Ω
C
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(2)
Open loop gain is for informational use only. Open loop gain is from simulation and not measured in a closed-loop amplifier.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA653



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com