Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA653IDBVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA653IDBVR
Description  Wideband, Fixed Gain, JFET-Input AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA653IDBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA653IDBVR Datasheet HTML 5Page - Texas Instruments OPA653IDBVR Datasheet HTML 6Page - Texas Instruments OPA653IDBVR Datasheet HTML 7Page - Texas Instruments OPA653IDBVR Datasheet HTML 8Page - Texas Instruments OPA653IDBVR Datasheet HTML 9Page - Texas Instruments OPA653IDBVR Datasheet HTML 10Page - Texas Instruments OPA653IDBVR Datasheet HTML 11Page - Texas Instruments OPA653IDBVR Datasheet HTML 12Page - Texas Instruments OPA653IDBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
APPLICATION INFORMATION
Wideband, Noninverting, and Inverting
OPA653
V
OUT
V
IN-
V
IN+
160 W
49.9 W
160 W
72.3 W
49.9 W
0.1
F
m
10
F
m
0.1
F
m
10
F
m
+6V
-6V
50-W
Load
50-W
Source
V
S+
V
S-
OPA653
V
OUT
V
IN-
V
IN+
160 W
49.9 W
160 W
49.9 W
0.1
F
m
10
F
m
0.1
F
m
10
F
m
+6V
-6V
50-W
Load
50-W
Source
V
S+
V
S-
OPA653
www.ti.com........................................................................................................................................................................................... SBOS348 – DECEMBER 2008
Figure 22 shows the OPA653 in a noninverting gain
of –1 V/V configuration in a 50-
Ω test environment as
Operation
was used for testing the Typical Characteristics. The
circuit operation is essentially the same as Figure 21
The OPA653 is a very broadband, voltage-feedback
except that a 72.3-
Ω termination resistor is now used
amplifier with internal gain-setting resistors that set a
between the VIN– input and ground, so that together
fixed gain of +2 V/V or -1 V/V and a high-impedance
with the gain-setting resistor (RG = 160 Ω), the input
JFET-input stage. Its very high bandwidth of 500 MHz
impedance is approximately 50
Ω. The VIN+ input is
can be used to either deliver high signal bandwidths
terminated to ground using a 49.9-
Ω resistor as a
at a gain of +2 V/V or, if driven from a low-impedance
precaution to avoid single transistor oscillations at the
source, a gain of –1 V/V . The OPA653 is designed to
input; the value is not critical, but attention should be
provide very low noise and accurate pulse response
paid to avoid large values because of the noise
with low overshoot and ringing. To achieve the full
contribution as noted below.
performance of the OPA653, careful attention to
printed circuit board (PCB) layout and component
selection is required as discussed in the remaining
sections of this data sheet.
Figure 21 shows the noninverting gain of +2-V/V
circuit that is used as the basis for the Typical
Characteristics.
Most
of
the
curves
were
characterized using signal sources with 50-
Ω driving
impedance, and with measurement equipment that
presents a 50-
Ω load impedance. In Figure 21, the
49.9-
Ω shunt resistor to ground at the VIN+ input is
used to match the source impedance of the test
generator and cable, while the 49.9-
Ω series output
resistor VOUT provides matching impedance for the
measurement equipment load and cable. Data sheet
voltage
swing
specifications
are
taken
at
the
Figure 22. Noninverting Gain of –1 V/V in 50-
Ω
noninverting input pin, VIN+, or the output pin, VOUT,
Test Environment
unless otherwise noted.
Note that the 72.3-
Ω input termination resistor and
the 50-
Ω source impedance of the test equipment
modify the noise gain to +1.84 V/V and the amplifier
is compensated for optimal performance with a noise
gain of +2 V/V. This compensation reduces the phase
margin and results in more peaking in the frequency
response and more overshoot/ringing in the pulse
response. This effect can be seen by comparing the
inverting
and
noninverting
frequency
and
pulse
response graphs in the characteristic data. The
amplifier phase margin can be restored in an
application that uses an inverting configuration if it is
driven from a very low impedance source such as an
op amp.
Figure 21. Noninverting Gain of +2 V/V in 50-
Ω
Test Environment
space
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA653



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com