Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH95I Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH95I
Description  HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH DUAL STANDBY POSITION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH95I Datasheet(HTML) 4 Page - STMicroelectronics

  TSH95I Datasheet HTML 1Page - STMicroelectronics TSH95I Datasheet HTML 2Page - STMicroelectronics TSH95I Datasheet HTML 3Page - STMicroelectronics TSH95I Datasheet HTML 4Page - STMicroelectronics TSH95I Datasheet HTML 5Page - STMicroelectronics TSH95I Datasheet HTML 6Page - STMicroelectronics TSH95I Datasheet HTML 7Page - STMicroelectronics TSH95I Datasheet HTML 8Page - STMicroelectronics TSH95I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TSH95
4/9
STANDBY MODE V
CC
+ = 5V, V
CC
- = -5V, T
amb = 25°C (unless otherwise specified)
STANDBY POSITION
APPLICATIONS
SIGNAL MULTIPLEXING
STANDBY MODE
To put the device in standby, just apply a logic
level on the standby MOS input. As ground is a vir-
tual level for the device, threshold voltage has
been refered to V
CC
+ at V
CC
+ - 1.6V typ.
In standby mode, the output goes in high imped-
ance in 200ns. Be aware that all maximum rating
must still be followed in this mode. It leads to
swing limitation while using the device in signal
multiplexing configuration with followers, differen-
tial input voltage must not exceed
±5V limiting in-
put swing to 2.5Vpp.
SAMPLE AND HOLD
Symbol
Parameter
Min.
Typ.
Max.
Unit
VSBY
Pin 8/9 Threshold Voltage for STANDBY Mode
V
CC
+ -2.2
V
CC
+ -1.6
V
CC
+ -1.0
V
ICC SBY
Total Consumption
Pin 8 (Standby 1) = 0, Pin 9 (Standby 2) = 0
Pin 8 (Standby 1) = 0, Pin 9 (Standby 2) = 1
Pin 8 (Standby 1) = 0, Pin 9 (Standby 2) = 0
9.4
9.4
0.8
mA
Isol
Input/Output Isolation (f = 1MHz to 10MHz)
70
dB
tON
Time from Standby Mode to Active Mode
200
ns
tOFF
Time from Active Mode to Standby Mode
200
ns
ID
Standby Driving Current
2
pA
IOL
Output Leakage Current
20
pA
IIL
Input Leakage Current
20
pA
LOGIC INPUT
STATUS
Standby 1
Standby 2
Op-Omp 1 & 2
Op-Amp 2 & 3
0
0
Enable
Standby
0
1
Enable
Enable
1
0
Standby
Standby
1
1
Standby
Enable
VCC
VCC
standby



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com