Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH95I Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH95I
Description  HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH DUAL STANDBY POSITION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH95I Datasheet(HTML) 1 Page - STMicroelectronics

  TSH95I Datasheet HTML 1Page - STMicroelectronics TSH95I Datasheet HTML 2Page - STMicroelectronics TSH95I Datasheet HTML 3Page - STMicroelectronics TSH95I Datasheet HTML 4Page - STMicroelectronics TSH95I Datasheet HTML 5Page - STMicroelectronics TSH95I Datasheet HTML 6Page - STMicroelectronics TSH95I Datasheet HTML 7Page - STMicroelectronics TSH95I Datasheet HTML 8Page - STMicroelectronics TSH95I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
s 2 SEPARATE STANDBY : REDUCED
CONSUMPTION AND HIGH IMPEDANCE
OUTPUTS
s LOW SUPPLY CURRENT : 4.5mA
s HIGH SPEED : 150MHz - 110V/
µs
s UNITY GAIN STABILITY
s LOW OFFSET VOLTAGE : 4mV
s LOW NOISE 4.2 nV/
√Hz
s LOW COST
s SPECIFIED FOR 600
Ω AND 150Ω LOADS
s HIGH VIDEO PERFORMANCES :
Differential Gain : 0.03%
Differential Phase : 0.07°
Gain Flatness : 6MHz, 0.1dB max. @ 10dB
gain
s HIGH AUDIO PERFORMANCES
s ESD TOLERANCE : 2kV
DESCRIPTION
The TSH95 is a quad low power high frequency
op-amp, designated for high quality video pro-
cessing. The device offers an excellent speed
consumption ratio with 4.5mA per amplifier for
150MHz bandwidth.
High slew rate and low noise make it also suitable
for high quality audio applications.
The TSH95 offers 2 separate complementary
STANDBY pins :
u STANDBY 1 acting on both n° 1 & 2
operators
u STANDBY 2 acting on both n° 3 & 4
operators
They reduce the consumption of the correspond-
ing operatorS and put the output in a high imped-
ance state.
ORDER CODE
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
D
TSH95I
-40°C, +125°C
•
D
SO16
(Plastic Micropackage)
Non-inverting Input 2
Non-inverting Input 1
-
CC
V
1
2
3
4
5
6
7
12
13
14
15
16
CC
V
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Inverting Input 1
Output 2
9
8
Standby 1
11
10
Standby 2
Output 1
Inverting Input 2
TSH95
HIGH SPEED LOW POWER QUAD OPERATIONAL
AMPLIFIER WITH DUAL STANDBY POSITION
November 2000


Similar Part No. - TSH95I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH93 STMICROELECTRONICS-TSH93 Datasheet
351Kb / 8P
HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER
Oct-2000
TSH93 STMICROELECTRONICS-TSH93 Datasheet
166Kb / 2P
High-speed operational amplifier evaluation board kit
May-2005
TSH93 STMICROELECTRONICS-TSH93 Datasheet
273Kb / 13P
High-speed low power triple operational amplifier
24-Oct-2007
TSH93I STMICROELECTRONICS-TSH93I Datasheet
351Kb / 8P
HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER
Oct-2000
TSH93ID STMICROELECTRONICS-TSH93ID Datasheet
351Kb / 8P
HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER
Oct-2000
More results

Similar Description - TSH95I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS902 STMICROELECTRONICS-TS902 Datasheet
105Kb / 12P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Apr-1999
TS904 STMICROELECTRONICS-TS904 Datasheet
108Kb / 12P
RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
Apr-1999
TSH94 STMICROELECTRONICS-TSH94 Datasheet
555Kb / 11P
HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Oct-2000
logo
Analog Devices
AD826 AD-AD826 Datasheet
231Kb / 14P
High-Speed, Low-Power Dual Operational Amplifier
REV.B
logo
STMicroelectronics
TS3V902 STMICROELECTRONICS-TS3V902 Datasheet
120Kb / 11P
3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
Oct-1997
TS902 STMICROELECTRONICS-TS902_01 Datasheet
122Kb / 8P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Dec-2001
TSH94 STMICROELECTRONICS-TSH94_07 Datasheet
508Kb / 19P
High speed low power quad operational amplifier with standby position
27-Nov-2007
logo
Analog Devices
AD826ANZ AD-AD826ANZ Datasheet
725Kb / 12P
High-Speed, Low-Power Dual Operational Amplifier
8/02-Data Sheet changed from REV. B to REV. C.
AD826ARZ AD-AD826ARZ Datasheet
725Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ARZ-REEL7 AD-AD826ARZ-REEL7 Datasheet
731Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com