Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH95I Datasheet (PDF) - STMicroelectronics

TSH95I Datasheet PDF - STMicroelectronics
Part # TSH95I
Download  TSH95I Download
File Size   449.71 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH DUAL STANDBY POSITION

TSH95I Datasheet (PDF)

Go To PDF Page Download Datasheet
TSH95I Datasheet PDF - STMicroelectronics

Part # TSH95I
Download  TSH95I Click to download

File Size   449.71 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH DUAL STANDBY POSITION

TSH95I Datasheet (HTML) - STMicroelectronics


TSH95I Product details

Description
The TSH95 device is a low-power, high frequency quad operational amplifier designated for highquality video processing. The device offers an excellent speed consumption ratio with 4.5 mA per amplifier for a 150 MHz bandwidth.
A high slew rate and low noise also make it suitable for high-quality audio applications.
   
Features
■ Low supply current: 4.5 mA
■ High speed: 150 MHz - 110 V/μs
■ Unity gain stability
■ Low offset voltage: 4 mV
■ Low noise 4.2 nV/√Hz
■ Specified for 600 Ω and 150 Ω loads
■ High video performances
    – Differential gain: 0.03%
    – Differential phase: 0.07°
    – Gain flatness: 6 MHz, 0.1 dB max. at 10 db
        gain
   
Applications
■ Video buffers
■ A/D converter drivers
   




Similar Part No. - TSH95I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH93 STMICROELECTRONICS-TSH93 Datasheet
351Kb / 8P
HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER
Oct-2000
TSH93 STMICROELECTRONICS-TSH93 Datasheet
166Kb / 2P
High-speed operational amplifier evaluation board kit
May-2005
TSH93 STMICROELECTRONICS-TSH93 Datasheet
273Kb / 13P
High-speed low power triple operational amplifier
24-Oct-2007
TSH93I STMICROELECTRONICS-TSH93I Datasheet
351Kb / 8P
HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER
Oct-2000
TSH93ID STMICROELECTRONICS-TSH93ID Datasheet
351Kb / 8P
HIGH SPEED LOW POWER TRIPLE OPERATIONAL AMPLIFIER
Oct-2000
More results


Similar Description - TSH95I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS902 STMICROELECTRONICS-TS902 Datasheet
105Kb / 12P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Apr-1999
TS904 STMICROELECTRONICS-TS904 Datasheet
108Kb / 12P
RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
Apr-1999
TSH94 STMICROELECTRONICS-TSH94 Datasheet
555Kb / 11P
HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Oct-2000
logo
Analog Devices
AD826 AD-AD826 Datasheet
231Kb / 14P
High-Speed, Low-Power Dual Operational Amplifier
REV.B
logo
STMicroelectronics
TS3V902 STMICROELECTRONICS-TS3V902 Datasheet
120Kb / 11P
3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
Oct-1997
TS902 STMICROELECTRONICS-TS902_01 Datasheet
122Kb / 8P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Dec-2001
TSH94 STMICROELECTRONICS-TSH94_07 Datasheet
508Kb / 19P
High speed low power quad operational amplifier with standby position
27-Nov-2007
logo
Analog Devices
AD826ANZ AD-AD826ANZ Datasheet
725Kb / 12P
High-Speed, Low-Power Dual Operational Amplifier
8/02-Data Sheet changed from REV. B to REV. C.
AD826ARZ AD-AD826ARZ Datasheet
725Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ARZ-REEL7 AD-AD826ARZ-REEL7 Datasheet
731Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com