Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2292 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2292 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button LPC2292 Datasheet HTML 37Page - NXP Semiconductors LPC2292 Datasheet HTML 38Page - NXP Semiconductors LPC2292 Datasheet HTML 39Page - NXP Semiconductors LPC2292 Datasheet HTML 40Page - NXP Semiconductors LPC2292 Datasheet HTML 41Page - NXP Semiconductors LPC2292 Datasheet HTML 42Page - NXP Semiconductors LPC2292 Datasheet HTML 43Page - NXP Semiconductors LPC2292 Datasheet HTML 44Page - NXP Semiconductors LPC2292 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
LPC2292_2294_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 7 — 4 December 2008
41 of 53
NXP Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
Test conditions: Active mode entered executing code from on-chip flash; PCLK = CCLK
⁄
4;
Tamb =25 °C; all peripherals disabled.
Fig 20. Typical LPC2292/01 and LPC2294/01 IDD(act) measured at different core voltages
002aad116
1.65
1.80
1.95
12 MHz
48 MHz
60 MHz
5.0
15.0
25.0
35.0
45.0
voltage (V)
IDD(act)
(mA)
Test conditions: Idle mode entered executing code from on-chip flash; PCLK = CCLK
⁄
4;
Tamb =25 °C; all peripherals disabled.
Fig 21. Typical LPC2292/01 and LPC2294/01 IDD(idle) measured at different core voltages
002aad117
1.65
1.80
1.95
12 MHz
48 MHz
60 MHz
0.0
5.0
10.0
voltage (V)
IDD(idle)
(mA)
Table 9.
Typical LPC2292/01 peripheral power consumption in active mode
Core voltage 1.8 V; Tamb =25 °C; all measurements in µA; PCLK = CCLK⁄4; all peripherals enabled.
Peripheral
CCLK = 12 MHz
CCLK = 48 MHz
CCLK = 60 MHz
Timer0
43
141
184
Timer1
46
150
180
UART0
98
320
398
UART1
103
351
421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com