Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2292 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2292 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC2292 Datasheet HTML 45Page - NXP Semiconductors LPC2292 Datasheet HTML 46Page - NXP Semiconductors LPC2292 Datasheet HTML 47Page - NXP Semiconductors LPC2292 Datasheet HTML 48Page - NXP Semiconductors LPC2292 Datasheet HTML 49Page - NXP Semiconductors LPC2292 Datasheet HTML 50Page - NXP Semiconductors LPC2292 Datasheet HTML 51Page - NXP Semiconductors LPC2292 Datasheet HTML 52Page - NXP Semiconductors LPC2292 Datasheet HTML 53Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
LPC2292_2294_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 7 — 4 December 2008
49 of 53
NXP Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
Fig 26. Package outline SOT569-2 (TFBGA144)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT569-2
SOT569-2
UNIT
mm
max
nom
min
1.20
1.05
0.95
0.40
0.35
0.30
0.50
0.45
0.40
12.1
12.0
11.9
12.1
12.0
11.9
0.8
9.6
0.15
0.1
A
DIMENSIONS (mm are the original dimensions)
TFBGA144: plastic thin fine-pitch ball grid array package; 144 balls
0
5
10 mm
scale
A1
A2
0.80
0.70
0.65
b
D
E
e
e1
9.6
e2
v
w
0.05
y
y1
0.08
C
y
C
y1
X
A
B
C
D
E
F
H
K
G
L
J
M
N
2468
10
12
13579
11
13
b
e2
e1
e
e
A
C
B
∅ v M
C
∅ w M
ball A1
index area
B
A
ball A1
index area
D
E
detail X
A
A2
A1
08-01-29
08-03-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com