Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2292 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2292 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC2292 Datasheet HTML 8Page - NXP Semiconductors LPC2292 Datasheet HTML 9Page - NXP Semiconductors LPC2292 Datasheet HTML 10Page - NXP Semiconductors LPC2292 Datasheet HTML 11Page - NXP Semiconductors LPC2292 Datasheet HTML 12Page - NXP Semiconductors LPC2292 Datasheet HTML 13Page - NXP Semiconductors LPC2292 Datasheet HTML 14Page - NXP Semiconductors LPC2292 Datasheet HTML 15Page - NXP Semiconductors LPC2292 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
LPC2292_2294_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 7 — 4 December 2008
12 of 53
NXP Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
P2[24]/D24
11[7]
E2[7]
I/O
D24 — External memory data line 24.
P2[25]/D25
12[7]
E1[7]
I/O
D25 — External memory data line 25.
P2[26]/D26/
BOOT0
13[7]
F4[7]
I/O
D26 — External memory data line 26.
I
BOOT0 — While RESET is low, together with BOOT1 controls
booting and internal operation. Internal pull-up ensures high
state if pin is left unconnected.
P2[27]/D27/
BOOT1
16[7]
F1[7]
I/O
D27 — External memory data line 27.
I
BOOT1 — While RESET is low, together with BOOT0 controls
booting and internal operation. Internal pull-up ensures high
state if pin is left unconnected.
BOOT1:0 = 00 selects 8-bit memory on CS0 for boot.
BOOT1:0 = 01 selects 16-bit memory on CS0 for boot.
BOOT1:0 = 10 selects 32-bit memory on CS0 for boot.
BOOT1:0 = 11 selects internal flash memory.
P2[28]/D28
17[7]
G2[7]
I/O
D28 — External memory data line 28.
P2[29]/D29
18[7]
G1[7]
I/O
D29 — External memory data line 29.
P2[30]/D30/
AIN4
19[6]
G3[6]
I/O
D30 — External memory data line 30.
I
AIN4 — ADC, input 4. This analog input is always connected
to its pin.
P2[31]/D31/
AIN5
20[6]
G4[6]
I/O
D31 — External memory data line 31.
I
AIN5 — ADC, input 5. This analog input is always connected
to its pin.
P3[0] to P3[31]
I/O
Port 3 — Port 3 is a 32-bit bidirectional I/O port with individual
direction controls for each bit. The operation of port 3 pins
depends upon the pin function selected via the Pin Connect
Block.
P3[0]/A0
89[7]
G12[7]
O
A0 — External memory address line 0.
P3[1]/A1
88[7]
H13[7]
O
A1 — External memory address line 1.
P3[2]/A2
87[7]
H12[7]
O
A2 — External memory address line 2.
P3[3]/A3
81[7]
J10[7]
O
A3 — External memory address line 3.
P3[4]/A4
80[7]
K13[7]
O
A4 — External memory address line 4.
P3[5]/A5
74[7]
M13[7]
O
A5 — External memory address line 5.
P3[6]/A6
73[7]
N13[7]
O
A6 — External memory address line 6.
P3[7]/A7
72[7]
M12[7]
O
A7 — External memory address line 7.
P3[8]/A8
71[7]
N12[7]
O
A8 — External memory address line 8.
P3[9]/A9
66[7]
M10[7]
O
A9 — External memory address line 9.
P3[10]/A10
65[7]
N10[7]
O
A10 — External memory address line 10.
P3[11]/A11
64[7]
K9[7]
O
A11 — External memory address line 11.
P3[12]/A12
63[7]
L9[7]
O
A12 — External memory address line 12.
P3[13]/A13
62[7]
M9[7]
O
A13 — External memory address line 13.
P3[14]/A14
56[7]
K7[7]
O
A14 — External memory address line 14.
P3[15]/A15
55[7]
L7[7]
O
A15 — External memory address line 15.
P3[16]/A16
53[7]
M7[7]
O
A16 — External memory address line 16.
Table 4.
Pin description …continued
Symbol
Pin (LQFP)
Pin
(TFBGA)[1]
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com