Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZXVAL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MMBZXVAL
Description  Double ESD protection diodes for transient overvoltage suppression
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMBZXVAL Datasheet(HTML) 4 Page - NXP Semiconductors

  MMBZXVAL Datasheet HTML 1Page - NXP Semiconductors MMBZXVAL Datasheet HTML 2Page - NXP Semiconductors MMBZXVAL Datasheet HTML 3Page - NXP Semiconductors MMBZXVAL Datasheet HTML 4Page - NXP Semiconductors MMBZXVAL Datasheet HTML 5Page - NXP Semiconductors MMBZXVAL Datasheet HTML 6Page - NXP Semiconductors MMBZXVAL Datasheet HTML 7Page - NXP Semiconductors MMBZXVAL Datasheet HTML 8Page - NXP Semiconductors MMBZXVAL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MMBZXVAL_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 1 September 2008
4 of 15
NXP Semiconductors
MMBZxVAL series
Double ESD protection diodes for transient overvoltage suppression
5.
Limiting values
[1]
In accordance with IEC 61643-321 (10/1000
µs current waveform).
[2]
Measured from pin 1 or 2 to pin 3.
[3]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[4]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[1]
Device stressed with ten non-repetitive ESD pulses.
[2]
Measured from pin 1 or 2 to pin 3.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
PPPM
rated peak pulse power
tp = 10/1000 µs
[1][2] -40
W
IPPM
rated peak pulse current
tp = 10/1000 µs
[1][2]
MMBZ12VAL
MMBZ12VAL/DG
-
2.35
A
MMBZ15VAL
MMBZ15VAL/DG
-
1.9
A
MMBZ18VAL
MMBZ18VAL/DG
-
1.6
A
MMBZ20VAL
MMBZ20VAL/DG
-
1.4
A
MMBZ27VAL
MMBZ27VAL/DG
-1
A
MMBZ33VAL
MMBZ33VAL/DG
-
0.87
A
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[3] -
265
mW
[4] -
360
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 7.
ESD maximum ratings
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VESD
electrostatic discharge voltage
[1][2]
IEC 61000-4-2
(contact discharge)
-30
kV
machine model
-
2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com