Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZXVAL Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MMBZXVAL
Description  Double ESD protection diodes for transient overvoltage suppression
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMBZXVAL Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MMBZXVAL Datasheet HTML 5Page - NXP Semiconductors MMBZXVAL Datasheet HTML 6Page - NXP Semiconductors MMBZXVAL Datasheet HTML 7Page - NXP Semiconductors MMBZXVAL Datasheet HTML 8Page - NXP Semiconductors MMBZXVAL Datasheet HTML 9Page - NXP Semiconductors MMBZXVAL Datasheet HTML 10Page - NXP Semiconductors MMBZXVAL Datasheet HTML 11Page - NXP Semiconductors MMBZXVAL Datasheet HTML 12Page - NXP Semiconductors MMBZXVAL Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MMBZXVAL_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 1 September 2008
9 of 15
NXP Semiconductors
MMBZxVAL series
Double ESD protection diodes for transient overvoltage suppression
8.
Application information
The MMBZxVAL series is designed for the protection of up to two unidirectional data or
signal lines from the damage caused by ESD and surge pulses. The devices may be used
on lines where the signal polarities are either positive or negative with respect to ground.
The devices provide a surge capability of 40 W per line for a 10/1000
µs waveform.
Fig 7.
V-I characteristics for a unidirectional
ESD protection diode
Fig 8.
V-I characteristics for a bidirectional
ESD protection diode
006aab324
−VCL −VBR −VRWM
−IRM
−IR
−IPP
V
I
P-N
−
+
−IPPM
006aab325
−VCL −VBR −VRWM
VCL
VBR
VRWM
−IRM
IRM
−IR
IR
−IPP
IPP
−
+
IPPM
−IPPM
Fig 9.
Typical application: ESD and transient voltage protection of data lines
006aab326
MMBZxVAL
line 1 to be protected
unidirectional protection
of two lines
bidirectional protection
of one line
line 2 to be protected
GND
MMBZxVAL
line 1 to be protected
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com