Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZXVAL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MMBZXVAL
Description  Double ESD protection diodes for transient overvoltage suppression
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMBZXVAL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MMBZXVAL Datasheet HTML 3Page - NXP Semiconductors MMBZXVAL Datasheet HTML 4Page - NXP Semiconductors MMBZXVAL Datasheet HTML 5Page - NXP Semiconductors MMBZXVAL Datasheet HTML 6Page - NXP Semiconductors MMBZXVAL Datasheet HTML 7Page - NXP Semiconductors MMBZXVAL Datasheet HTML 8Page - NXP Semiconductors MMBZXVAL Datasheet HTML 9Page - NXP Semiconductors MMBZXVAL Datasheet HTML 10Page - NXP Semiconductors MMBZXVAL Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MMBZXVAL_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 1 September 2008
7 of 15
NXP Semiconductors
MMBZxVAL series
Double ESD protection diodes for transient overvoltage suppression
[1]
In accordance with IEC 61643-321(10/1000
µs current waveform).
[2]
Measured from pin 1 or 2 to pin 3.
Cd
diode capacitance
f = 1 MHz; VR =0V
MMBZ12VAL
MMBZ12VAL/DG
-
110
140
pF
MMBZ15VAL
MMBZ15VAL/DG
-
85
105
pF
MMBZ18VAL
MMBZ18VAL/DG
-
7090pF
MMBZ20VAL
MMBZ20VAL/DG
-
6580pF
MMBZ27VAL
MMBZ27VAL/DG
-
4860pF
MMBZ33VAL
MMBZ33VAL/DG
-
4555pF
VCL
clamping voltage
[1][2]
MMBZ12VAL
MMBZ12VAL/DG
IPPM = 2.35 A
-
-
17
V
MMBZ15VAL
MMBZ15VAL/DG
IPPM = 1.9 A
-
-
21
V
MMBZ18VAL
MMBZ18VAL/DG
IPPM = 1.6 A
-
-
25
V
MMBZ20VAL
MMBZ20VAL/DG
IPPM = 1.4 A
-
-
28
V
MMBZ27VAL
MMBZ27VAL/DG
IPPM = 1 A
--40
V
MMBZ33VAL
MMBZ33VAL/DG
IPPM = 0.87 A
-
-
46
V
SZ
temperature coefficient
IZ =1mA
MMBZ12VAL
MMBZ12VAL/DG
-
8.2
-
mV/K
MMBZ15VAL
MMBZ15VAL/DG
-
11
-
mV/K
MMBZ18VAL
MMBZ18VAL/DG
-
14
-
mV/K
MMBZ20VAL
MMBZ20VAL/DG
-
15.8
-
mV/K
MMBZ27VAL
MMBZ27VAL/DG
-
23
-
mV/K
MMBZ33VAL
MMBZ33VAL/DG
-
29.8
-
mV/K
Table 10.
Characteristics …continued
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com