Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3153 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2SC3153
Description  POWER TRANSISTORS(6A,800V,100W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SC3153 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2SC3153 Datasheet HTML 1Page - Mospec Semiconductor 2SC3153 Datasheet HTML 2Page - Mospec Semiconductor 2SC3153 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2SC3153

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3153 SANYO-2SC3153 Datasheet
93Kb / 3P
Switching Regulator Applications
logo
Savantic, Inc.
2SC3153 SAVANTIC-2SC3153 Datasheet
205Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3153 JMNIC-2SC3153 Datasheet
222Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3153 ISC-2SC3153 Datasheet
192Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3153 SAVANTIC-2SC3153 Datasheet
207Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC3153

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6053 MOSPEC-2N6053 Datasheet
172Kb / 4P
POWER TRANSISTORS(8A,100W)
2N6383 MOSPEC-2N6383 Datasheet
146Kb / 3P
POWER TRANSISTORS(10A,100W)
2N6542 MOSPEC-2N6542 Datasheet
209Kb / 4P
POWER TRANSISTORS(5A,100W)
2N6738 MOSPEC-2N6738 Datasheet
147Kb / 3P
POWER TRANSISTORS(8.0A,100W)
BD243 MOSPEC-BD243 Datasheet
127Kb / 3P
POWER TRANSISTORS(6A,65W)
logo
Shindengen Electric Mfg...
D5SB80 SHINDENGEN-D5SB80 Datasheet
302Kb / 6P
General Purpose Rectifiers(800V 6A)
D6SB80 SHINDENGEN-D6SB80 Datasheet
330Kb / 6P
General Purpose Rectifiers(800V 6A)
logo
Unisonic Technologies
6N80 UTC-6N80_11 Datasheet
199Kb / 6P
6A, 800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM80N950CI TSC-TSM80N950CI Datasheet
624Kb / 7P
N-Channel Power MOSFET 800V, 6A, 0.95廓
logo
Rohm
R8006KNX ROHM-R8006KNX Datasheet
2Mb / 14P
Nch 800V 6A Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com