Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT90PWM2_08 Datasheet HTML 3Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 4Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 5Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 6Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 7Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 8Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 9Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 10Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
4317IS–AVR–01/08
AT90PWM2/3/2B/3B
4.1
Block Diagram
Figure 4-1.
Block Diagram
The AVR core combines a rich instruction set with 32 general purpose working registers. All the
32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction executed in one clock cycle. The resulting
architecture is more code efficient while achieving throughputs up to ten times faster than con-
ventional CISC microcontrollers.
The AT90PWM2/2B/3/3B provides the following features: 8K bytes of In-System Programmable
Flash with Read-While-Write capabilities, 512 bytes EEPROM, 512 bytes SRAM, 53 general
purpose I/O lines, 32 general purpose working registers,three Power Stage Controllers, two flex-
ible Timer/Counters with compare modes and PWM, one USART with DALI mode, an 11-
channel 10-bit ADC with two differential input stage with programmable gain, a 10-bit DAC, a
programmable Watchdog Timer with Internal Oscillator, an SPI serial port, an On-chip Debug
system and four software selectable power saving modes.
8Kx8 Flash
Program
Memory
Instruction
Register
Instruction
Decoder
Program
Counter
Control Lines
32 x 8
General
Purpose
Registrers
ALU
Status
and Control
I/O Lines
EEPROM
512 bytes
Data Bus 8-bit
Data
SRAM
512 bytes
Interrupt
Unit
SPI
Unit
Watchdog
Timer
3 Analog
Comparators
DAC
ADC
PSC 2/1/0
Timer 1
Timer 0
DALI USART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com