Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT90PWM2_08 Datasheet HTML 2Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 3Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 4Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 5Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 6Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 7Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 8Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 9Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
4317IS–AVR–01/08
AT90PWM2/3/2B/3B
1. PSCOUT10 & PSCOUT11 are not present on 24 pins package
4.
Overview
The AT90PWM2/2B/3/3B is a low-power CMOS 8-bit microcontroller based on the AVR
enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the
AT90PWM2/2B/3/3B achieves throughputs approaching 1 MIPS per MHz allowing the system
designer to optimize power consumption versus processing speed.
1
1
29
PD0
I/O
PSCOUT00 output
XCK (UART Transfer Clock)
SS_A (Alternate SPI Slave Select)
3
4
32
PD1
I/O
PSCIN0 (PSC 0 Digital Input )
CLKO (System Clock Output)
4
5
1
PD2
I/O
PSCIN2 (PSC 2 Digital Input)
OC1A (Timer 1 Output Compare A)
MISO_A (Programming & alternate SPI Master In Slave Out)
5
6
2
PD3
I/O
TXD (Dali/UART Tx data)
OC0A (Timer 0 Output Compare A)
SS (SPI Slave Select)
MOSI_A (Programming & alternate Master Out SPI Slave In)
12
16
12
PD4
I/O
ADC1 (Analog Input Channel 1)
RXD (Dali/UART Rx data)
ICP1A (Timer 1 input capture)
SCK_A (Programming & alternate SPI Clock)
13
17
13
PD5
I/O
ADC2 (Analog Input Channel 2)
ACMP2 (Analog Comparator 2 Positive Input )
14
18
14
PD6
I/O
ADC3 (Analog Input Channel 3 )
ACMPM reference for analog comparators
INT0
15
19
15
PD7
I/O
ACMP0 (Analog Comparator 0 Positive Input )
2
3
31
PE0
I/O or I
RESET (Reset Input)
OCD (On Chip Debug I/O)
10
14
10
PE1
I/O
XTAL1: XTAL Input
OC0B (Timer 0 Output Compare B)
11
15
11
PE2
I/O
XTAL2: XTAL OuTput
ADC0 (Analog Input Channel 0)
Table 3-1.
Pin out description (Continued)
S024 Pin
Number
SO32 Pin
Number
QFN32 Pin
Number
Mnemonic
Type
Name, Function & Alternate Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com