Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT90PWM2_08 Datasheet HTML 1Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 2Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 3Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 4Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 5Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 6Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 7Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 8Page - ATMEL Corporation AT90PWM2_08 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Features
• High Performance, Low Power AVR ® 8-bit Microcontroller
• Advanced RISC Architecture
– 129 Powerful Instructions - Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 1 MIPS throughput per MHz
– On-chip 2-cycle Multiplier
• Data and Non-Volatile Program Memory
– 8K Bytes Flash of In-System Programmable Program Memory
• Endurance: 10,000 Write/Erase Cycles
– Optional Boot Code Section with Independent Lock Bits
• In-System Programming by On-chip Boot Program
• True Read-While-Write Operation
– 512 Bytes of In-System Programmable EEPROM
• Endurance: 100,000 Write/Erase Cycles
– 512 Bytes Internal SRAM
– Programming Lock for Flash Program and EEPROM Data Security
• On Chip Debug Interface (debugWIRE)
• Peripheral Features
– Two or three 12-bit High Speed PSC (Power Stage Controllers) with 4-bit
Resolution Enhancement
• Non Overlapping Inverted PWM Output Pins With Flexible Dead-Time
• Variable PWM duty Cycle and Frequency
• Synchronous Update of all PWM Registers
• Auto Stop Function for Event Driven PFC Implementation
• Less than 25 Hz Step Width at 150 kHz Output Frequency
• PSC2 with four Output Pins and Output Matrix
– One 8-bit General purpose Timer/Counter with Separate Prescaler and Capture
Mode
– One 16-bit General purpose Timer/Counter with Separate Prescaler, Compare
Mode and Capture Mode
– Programmable Serial USART
• Standard UART mode
• 16/17 bit Biphase Mode for DALI Communications
– Master/Slave SPI Serial Interface
– 10-bit ADC
• Up To 11 Single Ended Channels and 2 Fully Differential ADC Channel Pairs
• Programmable Gain (5x, 10x, 20x, 40x on Differential Channels)
• Internal Reference Voltage
– 10-bit DAC
– Two or three Analog Comparator with Resistor-Array to Adjust Comparison
Voltage
– 4 External Interrupts
– Programmable Watchdog Timer with Separate On-Chip Oscillator
• Special Microcontroller Features
– Low Power Idle, Noise Reduction, and Power Down Modes
– Power On Reset and Programmable Brown Out Detection
– Flag Array in Bit-programmable I/O Space (4 bytes)
4317IS–AVR–01/08
8-bit
Microcontroller
with 8K Bytes
In-System
Programmable
Flash
AT90PWM2
AT90PWM3
AT90PWM2B
AT90PWM3B
Summary


Similar Part No. - AT90PWM2_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM2-16SQ ATMEL-AT90PWM2-16SQ Datasheet
3Mb / 365P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM2-16SQ ATMEL-AT90PWM2-16SQ Datasheet
6Mb / 361P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM2-3 ATMEL-AT90PWM2-3 Datasheet
123Kb / 6P
RS232 cable from PC to RS232 CTRL connector
AT90PWM216 ATMEL-AT90PWM216 Datasheet
782Kb / 25P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM216 ATMEL-AT90PWM216 Datasheet
5Mb / 360P
8-bit Microcontroller with 16K Bytes In-System Programmable flash
More results

Similar Description - AT90PWM2_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com