Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 7Page - ATMEL Corporation AT90PWM2 Datasheet HTML 8Page - ATMEL Corporation AT90PWM2 Datasheet HTML 9Page - ATMEL Corporation AT90PWM2 Datasheet HTML 10Page - ATMEL Corporation AT90PWM2 Datasheet HTML 11Page - ATMEL Corporation AT90PWM2 Datasheet HTML 12Page - ATMEL Corporation AT90PWM2 Datasheet HTML 13Page - ATMEL Corporation AT90PWM2 Datasheet HTML 14Page - ATMEL Corporation AT90PWM2 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
4317IS–AVR–01/08
AT90PWM2/3/2B/3B
(0xBE)
Reserved
–
–
–
–
–
–
–
–
(0xBD)
Reserved
–
–
–
–
–
–
–
–
(0xBC)
Reserved
–
–
–
–
–
–
–
–
(0xBB)
Reserved
–
–
–
–
–
–
–
–
(0xBA)
Reserved
–
–
–
–
–
–
–
–
(0xB9)
Reserved
–
–
–
–
–
–
–
–
(0xB8)
Reserved
–
–
–
–
–
–
–
–
(0xB7)
Reserved
–
–
–
–
–
–
–
–
(0xB6)
Reserved
–
–
–
–
–
–
–
–
(0xB5)
Reserved
–
–
–
–
–
–
–
–
(0xB4)
Reserved
–
–
–
–
–
–
–
–
(0xB3)
Reserved
–
–
–
–
–
–
–
–
(0xB2)
Reserved
–
–
–
–
–
–
–
–
(0xB1)
Reserved
–
–
–
–
–
–
–
–
(0xB0)
Reserved
–
–
–
–
–
–
–
–
(0xAF)
AC2CON
AC2EN
AC2IE
AC2IS1
AC2IS0
AC2SADE-
AC2M2
AC2M1
AC2M0
page 230
(0xAE)
AC1CON
AC1EN
AC1IE
AC1IS1
AC1IS0
AC1ICE
AC1M2
AC1M1
AC1M0
page 229
(0xAD)
AC0CON
AC0EN
AC0IE
AC0IS1
AC0IS0
-
AC0M2
AC0M1
AC0M0
page 228
(0xAC)
DACH
- / DAC9
- / DAC8
- / DAC7
- / DAC6
- / DAC5
- / DAC4
DAC9 / DAC3
DAC8 / DAC2
page 262
(0xAB)
DACL
DAC7 / DAC1
DAC6 /DAC0
DAC5 / -
DAC4 / -
DAC3 / -
DAC2 / -
DAC1 / -
DAC0 /
page 262
(0xAA)
DACON
DAATE
DATS2
DATS1
DATS0
-
DALA
DAOE
DAEN
page 261
(0xA9)
Reserved
–
–
–
–
–
–
–
–
(0xA8)
Reserved
–
–
–
–
–
–
–
–
(0xA7)
Reserved
–
–
–
–
–
–
–
–
(0xA6)
Reserved
–
–
–
–
–
–
–
–
(0xA5)
PIM2
-
-
PSEIE2
PEVE2B
PEVE2A
-
-
PEOPE2
page 172
(0xA4)
PIFR2
-
-
PSEI2
PEV2B
PEV2A
PRN21
PRN20
PEOP2
page 172
(0xA3)
PIM1
-
-
PSEIE1
PEVE1B
PEVE1A
-
-
PEOPE1
page 171
(0xA2)
PIFR1
-
-
PSEI1
PEV1B
PEV1A
PRN11
PRN10
PEOP1
page 172
(0xA1)
PIM0
-
-
PSEIE0
PEVE0B
PEVE0A
-
-
PEOPE0
page 171
(0xA0)
PIFR0
-
-
PSEI0
PEV0B
PEV0A
PRN01
PRN00
PEOP0
page 172
(0x9F)
Reserved
–
–
–
–
–
–
–
–
(0x9E)
Reserved
–
–
–
–
–
–
–
–
(0x9D)
Reserved
–
–
–
–
–
–
–
–
(0x9C)
Reserved
–
–
–
–
–
–
–
–
(0x9B)
Reserved
–
–
–
–
–
–
–
–
(0x9A)
Reserved
–
–
–
–
–
–
–
–
(0x99)
Reserved
–
–
–
–
–
–
–
–
(0x98)
Reserved
–
–
–
–
–
–
–
–
(0x97)
Reserved
–
–
–
–
–
–
–
–
(0x96)
Reserved
–
–
–
–
–
–
–
–
(0x95)
Reserved
–
–
–
–
–
–
–
–
(0x94)
Reserved
–
–
–
–
–
–
–
–
(0x93)
Reserved
–
–
–
–
–
–
–
–
(0x92)
Reserved
–
–
–
–
–
–
–
–
(0x91)
Reserved
–
–
–
–
–
–
–
–
(0x90)
Reserved
–
–
–
–
–
–
–
–
(0x8F)
Reserved
–
–
–
–
–
–
–
–
(0x8E)
Reserved
–
–
–
–
–
–
–
–
(0x8D)
Reserved
–
–
–
–
–
–
–
–
(0x8C)
Reserved
–
–
–
–
–
–
–
–
(0x8B)
OCR1BH
OCR1B15
OCR1B14
OCR1B13
OCR1B12
OCR1B11
OCR1B10
OCR1B9
OCR1B8
page 127
(0x8A)
OCR1BL
OCR1B7
OCR1B6
OCR1B5
OCR1B4
OCR1B3
OCR1B2
OCR1B1
OCR1B0
page 127
(0x89)
OCR1AH
OCR1A15
OCR1A14
OCR1A13
OCR1A12
OCR1A11
OCR1A10
OCR1A9
OCR1A8
page 127
(0x88)
OCR1AL
OCR1A7
OCR1A6
OCR1A5
OCR1A4
OCR1A3
OCR1A2
OCR1A1
OCR1A0
page 127
(0x87)
ICR1H
ICR115
ICR114
ICR113
ICR112
ICR111
ICR110
ICR19
ICR18
page 128
(0x86)
ICR1L
ICR17
ICR16
ICR15
ICR14
ICR13
ICR12
ICR11
ICR10
page 128
(0x85)
TCNT1H
TCNT115
TCNT114
TCNT113
TCNT112
TCNT111
TCNT110
TCNT19
TCNT18
page 127
(0x84)
TCNT1L
TCNT17
TCNT16
TCNT15
TCNT14
TCNT13
TCNT12
TCNT11
TCNT10
page 127
(0x83)
Reserved
–
–
–
–
–
–
–
–
(0x82)
TCCR1C
FOC1A
FOC1B
–
–
–
–
–
–
page 127
(0x81)
TCCR1B
ICNC1
ICES1
–
WGM13
WGM12
CS12
CS11
CS10
page 126
(0x80)
TCCR1A
COM1A1
COM1A0
COM1B1
COM1B0
–
–
WGM11
WGM10
page 123
(0x7F)
DIDR1
–
–
ACMP0D
AMP0PD
AMP0ND
ADC10D/ACMP1D
ADC9D/AMP1PD
ADC8D/AMP1ND
page 252
(0x7E)
DIDR0
ADC7D
ADC6D
ADC5D
ADC4D
ADC3D/ACMPMD
ADC2D/ACMP2D
ADC1D
ADC0D
page 251
(0x7D)
Reserved
–
–
–
–
–
–
–
–
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com