Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 13Page - ATMEL Corporation AT90PWM2 Datasheet HTML 14Page - ATMEL Corporation AT90PWM2 Datasheet HTML 15Page - ATMEL Corporation AT90PWM2 Datasheet HTML 16Page - ATMEL Corporation AT90PWM2 Datasheet HTML 17Page - ATMEL Corporation AT90PWM2 Datasheet HTML 18Page - ATMEL Corporation AT90PWM2 Datasheet HTML 19Page - ATMEL Corporation AT90PWM2 Datasheet HTML 20Page - ATMEL Corporation AT90PWM2 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
17
4317IS–AVR–01/08
AT90PWM2/3/2B/3B
7.
Ordering Information
Note:
All packages are Pb free, fully LHF
Note:
This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information and
minimum quantities.
Note:
Parts numbers are for shipping in sticks (SO) or in trays (QFN). Thes devices can also be supplied in Tape and Reel. Please
contact your local Atmel sales office for detailed ordering information and minimum quantities.
Note:
PWM2 is not recommended for new designs, use PWM2B for your developments
Note:
PWM3 is not recommended for new designs, use PWM3B for your developments
Speed (MHz)
Power Supply
Ordering Code
Package
Operation Range
16
2.7 - 5.5V
AT90PWM3-16SQ
SO32
Extended (-4
0°C to
105°C)
16
2.7 - 5.5V
AT90PWM3-16MQT
QFN32
Extended (-4
0°C to
105°C)
16
2.7 - 5.5V
AT90PWM2-16SQ
SO24
Extended (-4
0°C to
105°C)
16
2.7 - 5.5V
AT90PWM3B-16SE
SO32
Engineering Samples
16
2.7 - 5.5V
AT90PWM3B-16ME
QFN32
Engineering Samples
16
2.7 - 5.5V
AT90PWM2B-16SE
SO24
Engineering Samples
16
2.7 - 5.5V
AT90PWM3B-16SU
SO32
Extended (-4
0°C to
105°C)
16
2.7 - 5.5V
AT90PWM3B-16MU
QFN32
Extended (-4
0°C to
105°C)
16
2.7 - 5.5V
AT90PWM2B-16SU
SO24
Extended (-4
0°C to
105°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com