Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 21Page - ATMEL Corporation AT90PWM2 Datasheet HTML 22Page - ATMEL Corporation AT90PWM2 Datasheet HTML 23Page - ATMEL Corporation AT90PWM2 Datasheet HTML 24Page - ATMEL Corporation AT90PWM2 Datasheet HTML 25Page - ATMEL Corporation AT90PWM2 Datasheet HTML 26Page - ATMEL Corporation AT90PWM2 Datasheet HTML 27Page - ATMEL Corporation AT90PWM2 Datasheet HTML 28Page - ATMEL Corporation AT90PWM2 Datasheet HTML 29Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
25
4317IS–AVR–01/08
AT90PWM2/3/2B/3B
The comparator output toggles at the comparator clock frequency when the voltage differ-
ence between both inputs is lower than the offset. This may occur when comparing signal
with small slew rate.
Work around:
This effect normally do not impact the PSC, as the transition is sampled once per PSC cycle
Be carefull when using the comparator as an interrupt source.
15. PSC : Autolock mode
This mode is not properly handled when CLKPSC is different from CLK IO.
Work around:
With CLKPSC equals 64/32 MHz (CLKPLL), use LOCK mode
16. DALI : 17th bit detection
17th bit detection do not occurs if the signal arrives after the sampling point.
Workaround:
Use this feature only for sofware development and not in field conditions
17. PSC : One ramp mode with PSC input mode 8
The retriggering is not properly handled in this case.
Work around:
Do not program this case.
18. PSC : Desactivation of outputs in mode 14
See “PSC Input Mode 14: Fixed Frequency Edge Retrigger PSC and Disactivate Output” on
page 155.
Work around:
Do not use this mode to desactivate output if retrigger event do not occurs during On-Time.
9.2
AT90PWM2B/3B
•
PSC : Double End-Of-Cycle Interrupt Request in Centered Mode
•
ADC : Conversion accuracy
1.
PSC : Double End-Of-Cycle Interrupt Request in Centered Mode
In centered mode, after the “expected” End-Of-Cycle Interrupt, a second unexpected Inter-
rupt occurs 1 PSC cycle after the previous interrupt.
Work around:
While CPU cycle is lower than PSC clock, the CPU sees only one interrupt request. For PSC
clock period greater than CPU cycle, the second interrupt request must be cleared by
software.
2.
ADC : Conversion accuracy
The conversion accuracy degrades when the ADC clock is 2 MHz.
Work around:
When a 10 bit conversion accuracy is required, use an ADC clock of 1 MHz or below.
At 2 Mhz the ADC can be used as a 7 bits ADC.
3.
DAC Driver linearity above 3.6V
With 5V Vcc, the DAC driver linearity is poor when DAC output level is above Vcc-1V. At 5V,
DAC output for 1023 will be around 5V - 40mV.
Work around: .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com