Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 8Page - ATMEL Corporation AT90PWM3 Datasheet HTML 9Page - ATMEL Corporation AT90PWM3 Datasheet HTML 10Page - ATMEL Corporation AT90PWM3 Datasheet HTML 11Page - ATMEL Corporation AT90PWM3 Datasheet HTML 12Page - ATMEL Corporation AT90PWM3 Datasheet HTML 13Page - ATMEL Corporation AT90PWM3 Datasheet HTML 14Page - ATMEL Corporation AT90PWM3 Datasheet HTML 15Page - ATMEL Corporation AT90PWM3 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
12
4317IS–AVR–01/08
AT90PWM2/3/2B/3B
(0x7C)
ADMUX
REFS1
REFS0
ADLAR
–
MUX3
MUX2
MUX1
MUX0
page 247
(0x7B)
ADCSRB
ADHSM
–
–
ADASCR
ADTS3
ADTS2
ADTS1
ADTS0
page 249
(0x7A)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
page 248
(0x79)
ADCH
- / ADC9
- / ADC8
- / ADC7
- / ADC6
- / ADC5
- / ADC4
ADC9 / ADC3
ADC8 / ADC2
page 251
(0x78)
ADCL
ADC7 / ADC1
ADC6 / ADC0
ADC5 / -
ADC4 / -
ADC3 / -
ADC2 / -
ADC1 / -
ADC0 /
page 251
(0x77)
AMP1CSR
AMP1EN
-
AMP1G1
AMP1G0
-
AMP1TS2
AMP1TS1
AMP1TS0
page 257
(0x76)
AMP0CSR
AMP0EN
-
AMP0G1
AMP0G0
-
AMP0TS2
AMP0TS1
AMP0TS0
page 256
(0x75)
Reserved
–
–
–
–
–
–
–
–
(0x74)
Reserved
–
–
–
–
–
–
–
–
(0x73)
Reserved
–
–
–
–
–
–
–
–
(0x72)
Reserved
–
–
–
–
–
–
–
–
(0x71)
Reserved
–
–
–
–
–
–
–
–
(0x70)
Reserved
–
–
–
–
–
–
–
–
(0x6F)
TIMSK1
–
–
ICIE1
–
–
OCIE1B
OCIE1A
TOIE1
page 128
(0x6E)
TIMSK0
–
–
–
–
–
OCIE0B
OCIE0A
TOIE0
page 101
(0x6D)
Reserved
–
–
–
–
–
–
–
–
(0x6C)
Reserved
–
–
–
–
–
–
–
–
(0x6B)
Reserved
–
–
–
–
–
–
–
–
(0x6A)
Reserved
–
–
–
–
–
–
–
–
(0x69)
EICRA
ISC31
ISC30
ISC21
ISC20
ISC11
ISC10
ISC01
ISC00
page 81
(0x68)
Reserved
–
–
–
–
–
–
–
–
(0x67)
Reserved
–
–
–
–
–
–
–
–
(0x66)
OSCCAL
–
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
page 34
(0x65)
Reserved
–
–
–
–
–
–
–
–
(0x64)
PRR
PRPSC2
PRPSC1
PRPSC0
PRTIM1
PRTIM0
PRSPI
PRUSART
PRADC
page 43
(0x63)
Reserved
–
–
–
–
–
–
–
–
(0x62)
Reserved
–
–
–
–
–
–
–
–
(0x61)
CLKPR
CLKPCE
–
–
–
CLKPS3
CLKPS2
CLKPS1
CLKPS0
page 39
(0x60)
WDTCSR
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
page 54
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
page 13
0x3E (0x5E)
SPH
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
page 15
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
page 15
0x3C (0x5C)
Reserved
–
–
–
–
–
–
–
–
0x3B (0x5B)
Reserved
–
–
–
–
–
–
–
–
0x3A (0x5A)
Reserved
–
–
–
–
–
–
–
–
0x39 (0x59)
Reserved
–
–
–
–
–
–
–
–
0x38 (0x58)
Reserved
–
–
–
–
–
–
–
–
0x37 (0x57)
SPMCSR
SPMIE
RWWSB
–
RWWSRE
BLBSET
PGWRT
PGERS
SPMEN
page 271
0x36 (0x56)
Reserved
–
–
–
–
–
–
–
–
0x35 (0x55)
MCUCR
SPIPS
–
–
PUD
–
–
IVSEL
IVCE
page 60 & page 68
0x34 (0x54)
MCUSR
–
–
–
–
WDRF
BORF
EXTRF
PORF
page 50
0x33 (0x53)
SMCR
–
–
–
–
SM2
SM1
SM0
SE
page 41
0x32 (0x52)
MSMCR
Monitor Stop Mode Control Register
reserved
0x31 (0x51)
MONDR
Monitor Data Register
reserved
0x30 (0x50)
ACSR
ACCKDIV
AC2IF
AC1IF
AC0IF
–
AC2O
AC1O
AC0O
page 231
0x2F (0x4F)
Reserved
–
–
–
–
–
–
–
–
0x2E (0x4E)
SPDR
SPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0
page 181
0x2D (0x4D)
SPSR
SPIF
WCOL
–
–
–
–
–
SPI2X
page 181
0x2C (0x4C)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
page 179
0x2B (0x4B)
Reserved
–
–
–
–
–
–
–
–
0x2A (0x4A)
Reserved
–
–
–
–
–
–
–
–
0x29 (0x49)
PLLCSR
-
-
-
-
-
PLLF
PLLE
PLOCK
page 37
0x28 (0x48)
OCR0B
OCR0B7
OCR0B6
OCR0B5
OCR0B4
OCR0B3
OCR0B2
OCR0B1
OCR0B0
page 101
0x27 (0x47)
OCR0A
OCR0A7
OCR0A6
OCR0A5
OCR0A4
OCR0A3
OCR0A2
OCR0A1
OCR0A0
page 100
0x26 (0x46)
TCNT0
TCNT07
TCNT06
TCNT05
TCNT04
TCNT03
TCNT02
TCNT01
TCNT00
page 100
0x25 (0x45)
TCCR0B
FOC0A
FOC0B
–
–
WGM02
CS02
CS01
CS00
page 99
0x24 (0x44)
TCCR0A
COM0A1
COM0A0
COM0B1
COM0B0
–
–
WGM01
WGM00
page 96
0x23 (0x43)
GTCCR
TSM
ICPSEL1
–
–
–
–
–
PSRSYNC
page 84
0x22 (0x42)
EEARH
–
–
–
–
EEAR11
EEAR10
EEAR9
EEAR8
page 21
0x21 (0x41)
EEARL
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
page 21
0x20 (0x40)
EEDR
EEDR7
EEDR6
EEDR5
EEDR4
EEDR3
EEDR2
EEDR1
EEDR0
page 22
0x1F (0x3F)
EECR
–
–
–
–
EERIE
EEMWE
EEWE
EERE
page 22
0x1E (0x3E)
GPIOR0
GPIOR07
GPIOR06
GPIOR05
GPIOR04
GPIOR03
GPIOR02
GPIOR01
GPIOR00
page 27
0x1D (0x3D)
EIMSK
–
–
–
–
INT3
INT2
INT1
INT0
page 82
0x1C (0x3C)
EIFR
–
–
–
–
INTF3
INTF2
INTF1
INTF0
page 82
0x1B (0x3B)
GPIOR3
GPIOR37
GPIOR36
GPIOR35
GPIOR34
GPIOR33
GPIOR32
GPIOR31
GPIOR30
page 28
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com