Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 19Page - ATMEL Corporation AT90PWM3 Datasheet HTML 20Page - ATMEL Corporation AT90PWM3 Datasheet HTML 21Page - ATMEL Corporation AT90PWM3 Datasheet HTML 22Page - ATMEL Corporation AT90PWM3 Datasheet HTML 23Page - ATMEL Corporation AT90PWM3 Datasheet HTML 24Page - ATMEL Corporation AT90PWM3 Datasheet HTML 25Page - ATMEL Corporation AT90PWM3 Datasheet HTML 26Page - ATMEL Corporation AT90PWM3 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
23
4317IS–AVR–01/08
AT90PWM2/3/2B/3B
9.
Errata
9.1
AT90PWM2&3 Rev. A (Mask Revision)
•
PGM: PSCxRB Fuse
•
PSC: Prescaler
•
PSC: PAOCnA and PAOCnB Register Bits (Asynchronous output control)
•
PSC: PEVxA/B Flag Bits
•
PSC: Output Polarity in Centered Mode
•
PSC: Output Activity
•
VREF
•
DALI
•
DAC: Register Update
•
DAC: Output spikes
•
DAC driver: Output Voltage linearity
•
ADC: Conversion accuracy
•
Analog comparator: Offset value
•
Analog comparator: Output signal
•
PSC: Autolock modes
•
DALI: 17th bit detection
•
PSC: One ramp mode with PSC input mode 8
1.
PGM: PSCnRB Fuse
The use of PSCnRB fuse can make the parallel ISP fail.
Workaround:
When PSCnRB fuses are used, use the serial programming mode to load a new program
version.
2.
PSC: Prescaler
The use of PSC's prescaler have the following effects :
It blocks the sample of PSC inputs until the two first cycles following the set of PSC run bit.
A fault is not properly transferred to other (slave) PSC.
Workaround:
Clear the prescaler PPREx bit when stopping the PSC (prun = 0), and set them to appropri-
ate value when starting the PSC (prun = 1), these bits are in the same PCTL register
Do not use the prescaler when a fault on one PSC should affect other PSC’s
3.
PSC: PAOCnA and PAOCnB Register Bits (Asynchronous output control)
These register bits are malfunctioning.
Workaround:
Do not use this feature.
4.
PSC: PEVnA/B flag bits
These flags are set when a fault arises, but can also be set again during the fault itself.
Workaround:
Don't clear these flags before the fault disappears.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com