Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT90PWM3 Datasheet HTML 1Page - ATMEL Corporation AT90PWM3 Datasheet HTML 2Page - ATMEL Corporation AT90PWM3 Datasheet HTML 3Page - ATMEL Corporation AT90PWM3 Datasheet HTML 4Page - ATMEL Corporation AT90PWM3 Datasheet HTML 5Page - ATMEL Corporation AT90PWM3 Datasheet HTML 6Page - ATMEL Corporation AT90PWM3 Datasheet HTML 7Page - ATMEL Corporation AT90PWM3 Datasheet HTML 8Page - ATMEL Corporation AT90PWM3 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
4317IS–AVR–01/08
AT90PWM2/3/2B/3B
6
8
4
VCC
power
Power Supply:
17
23
19
AVCC
Power
Analog Power Supply: This is the power supply voltage for analog
part
For a normal use this pin must be connected.
19
25
21
AREF
Power
Analog Reference : reference for analog converter . This is the
reference voltage of the A/D converter. As output, can be used by
external analog
8
12
8
PBO
I/O
MISO (SPI Master In Slave Out)
PSCOUT20 output
9
13
9
PB1
I/O
MOSI (SPI Master Out Slave In)
PSCOUT21 output
16
20
16
PB2
I/O
ADC5 (Analog Input Channel5 )
INT1
20
27
23
PB3
I/O
AMP0- (Analog Differential Amplifier 0 Input Channel )
21
28
24
PB4
I/O
AMP0+ (Analog Differential Amplifier 0 Input Channel )
22
30
26
PB5
I/O
ADC6 (Analog Input Channel 6)
INT 2
23
31
27
PB6
I/O
ADC7 (Analog Input Channel 7)
ICP1B (Timer 1 input capture alternate input)
PSCOUT11 output (see note 1)
24
32
28
PB7
I/O
PSCOUT01 output
ADC4 (Analog Input Channel 4)
SCK (SPI Clock)
NA
2
30
PC0
I/O
PSCOUT10 output (see note 1)
INT3
7
3
PC1
I/O
PSCIN1 (PSC 1 Digital Input)
OC1B (Timer 1 Output Compare B)
10
6
PC2
I/O
T0 (Timer 0 clock input)
PSCOUT22 output
11
7
PC3
I/O
T1 (Timer 1 clock input)
PSCOUT23 output
21
17
PC4
I/O
ADC8 (Analog Input Channel 8)
AMP1- (Analog Differential Amplifier 1 Input Channel )
22
18
PC5
I/O
ADC9 (Analog Input Channel 9)
AMP1+ (Analog Differential Amplifier 1 Input Channel )
26
22
PC6
I/O
ADC10 (Analog Input Channel 10)
ACMP1 (Analog Comparator 1 Positive Input )
29
25
PC7
I/O
D2A : DAC output
Table 3-1.
Pin out description (Continued)
S024 Pin
Number
SO32 Pin
Number
QFN32 Pin
Number
Mnemonic
Type
Name, Function & Alternate Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com