Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM111N Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSM111N
Description  TRIPLE VOLTAGE AND CURRENT SUPERVISOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM111N Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSM111N Datasheet HTML 5Page - STMicroelectronics TSM111N Datasheet HTML 6Page - STMicroelectronics TSM111N Datasheet HTML 7Page - STMicroelectronics TSM111N Datasheet HTML 8Page - STMicroelectronics TSM111N Datasheet HTML 9Page - STMicroelectronics TSM111N Datasheet HTML 10Page - STMicroelectronics TSM111N Datasheet HTML 11Page - STMicroelectronics TSM111N Datasheet HTML 12Page - STMicroelectronics TSM111N Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AN EXAMPLE OF 90W MICRO ATX
POWER SUPPLY USING L5991A, VI-
PER20 AND TSM111
Protection against accidental short circuits and fault
conditions is mandatory in PC power supplies.
These protection circuits can be realized by using
many discrete components which occupy a lot of
PCB space, design time in fine tuning the circuit and
also add to assembling costs.
ST’s single chip TSM111 IC provides complete pro-
tection circuits design easier, with fewer number of
components. TSM111 is an ideal supervisor IC for
PC power supplies.
The salient features and benefits of this device are
listed below :
a) Over voltage protectionfor 3.3V,5V and12V with-
out external component.
b) Over current protection for 3.3V, 5V and 12V.
c) Generates Power Good signal.
d) Programmable timing for Power Good signal.
e) Wide range supply operating voltage up to 36V
(44V AMR).
f) Stable internal voltage reference.
g) Two 1.6% voltage reference for Main and Auxil-
iary regulation.
h) Few external components.
i) Circuit occupies little space on PCB.
j) Easy implementation of the circuit.
FEATURE DESCRIPTIONS
a) Over voltage protectioncan be implemented with-
out any additional components. Overvoltage sense
levels for 3.3V, 5V, 12V are 4V, 6.1V, 14.2V respec-
tively. With very little tolerances, better protection is
achieved.
b) Over current protection can be implemented with
very small value sense resistors. As the current
sense threshold levels are set very low, regulation
is not affected. The current sense threshold levels
for 3.3V, 5V, 12V are 50mV, 50mV and 65mV re-
spectively.
c) The power good signal (pin9) is asserted to indi-
cate the 5V and 3.3V is above the under voltage
threshold level. PG pin goes high when the above
condition is reached. Pull up resistor R27 (3.1K) is
connected to 5V STDBY supply from this pin.
d) The timing of the power good signal can be con-
trolled by adjusting the value of the charging capaci-
tor on pin 10. With 2.2
µF/16V capacitor on pin 10,
400msec turn on delay is achieved.
e) The power supply can be operated from 14.5V to
36V. The VCC must always be higher than the supply
voltage on the 12V input pin by 2V .i.e. if 14V is ap-
pearing 12V input pin the Vcc must be > 16V.
A COMPLETE PC SMPS SECONDARY SUPERVISOR
TSM111
9/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com