Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM111N Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSM111N
Description  TRIPLE VOLTAGE AND CURRENT SUPERVISOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM111N Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSM111N Datasheet HTML 9Page - STMicroelectronics TSM111N Datasheet HTML 10Page - STMicroelectronics TSM111N Datasheet HTML 11Page - STMicroelectronics TSM111N Datasheet HTML 12Page - STMicroelectronics TSM111N Datasheet HTML 13Page - STMicroelectronics TSM111N Datasheet HTML 14Page - STMicroelectronics TSM111N Datasheet HTML 15Page - STMicroelectronics TSM111N Datasheet HTML 16Page - STMicroelectronics TSM111N Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
D1
BRIDGE
F1
3.5A
C31
4.7nF
C1
.22uF/250V A.C
C2
.22uF/250V A.C
LF01
R4
10
R2
6.8K
R5
10
R6
470
C6
.1uF
C5
1.5nF
C8
56nF
C9
4.7nF
C11
1nF
C7
3.3nF
Q1
STP6NB80
R7A
.22
R13
10K
IC4
TLP621
IC5
TLP621
T1
MAINS TRANS
+
C10
47uF/25V
+
C3
220uF/200V
+
C4
220uF/200V
C13
3.9nF
R15
5.1K
+
47uF/25V
D4
1N4148
T2
AUX TRANS
D7
BYW100-200
+
C35
470uF/16
R16
4.7K
IN
3
GND
2
OU T
1
IC7
L7912
IC2
TLP621
D15
BYW100-200
D11
STPS2045CT
C21
2.2nF
C26
2.2nF
+
C40
1000uF/25V
+
C24
3300uF/10
+
C22
1000uF/10V
L2
COUPLEDINDUCTOR
R17
10
D16
BYW100-200
R18
10
D8
BYW100-200
+
C17
100uF/25
R39
5mohm
R17A
3.5mohm
R19
10mohm
D5
OP T
D6
OPT
C12
4.7nF
D2
BYT11-800
R10
47K
C41
2.2uF
C28
2.2uF/16
C51
100nF
R23
680
C
100uF/25V
IC 1
IC 6
A. C
IN P U T
1 00V ~
2 40V
A. C
D13
BYW100-200
D12
BYW100-200
C19
100uF/25V
S2
SW SPST
IC 3
1
2
3
4
56
7
8
91 0
11
12
13
14
15
16
17
18
19
20
IS33
UV
ADJ
Tpor
PG
Ts
ur
RE M
FbAUX
Vc c
Tr e m
VrefAUX
Gn d
VrefMAIN
FbMAIN
PW M
IS12
VS5
IS5
VS12
VS33
SU PE RV I S O R
S1
SWSPST
12
43
12
3
4
3
4
1
2
D12
STP1060CT
D3
OP T
DR AI N
( out )
3
2
Vc c
1
os c
co m p
4
5
6
7
8
VI P E R 2 0
GND
R11
100K,1/2W
R12
100K,1/2W
C34
100uF/25V
12
CN1
CON1
1
2
3
5
7
6
98
L3
10uH
C18
470uF/16V
R8
6.8K
R9
4.7K
VF B
SS
ST BY
RC T
VR EF
DC - L I M
Vc c
OU T IS E N
S GND
P GND
CO M P
DC
DI S
Vc
5
7
16
2
3
4
15
14
9
8
10
1 3
12 11 6
L59 9 1
IC3
L5991A
1
2 3456789 10
1112
13
1415
16
17
18
1920
CON3
CN3
R26
39K
C38
47nF
R27
3.1K
C20
470nF
R7A1
64
3
5
21
12
11
10
78
9
R9
47
C16
1nF
C14
.47uF/16V
R7
1K
D
20V
D5
1N4148
R10
10
Q3
STP3020
D14
OP T
R42
1K
R38
3.3K
C23
1000uF/10V
R47
10K
D14
1N4148
C55
10uF/35V
R
20K
IC10
TL431
R44
330
R
X
R43
4.7K
R45
4.7K
GND ANALOG
R24
10K
Q2
NPN1
R34
10K
L4
2.2uH
+
C25
470uF/16V
R20
4.7K
+
C32
220uF/16V
C30
4.7nF
L6
INDUCTOR
C29
470uF/25V
R22
33K
1
2
F
R29
4.7K
R3
100
R28
470K
VAR
R
OPT
R
OPT
R
680,1/2W
12
R
1K
C37
47nF
R
8.2K
5V S T D
B Y
17V
3.3V
5V
12
V
-1 2V
TS M 111
PW O
K
PS ON/ OFF
NTC
2.2ohm
TSM111
13/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com