Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM111N Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSM111N
Description  TRIPLE VOLTAGE AND CURRENT SUPERVISOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM111N Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSM111N Datasheet HTML 10Page - STMicroelectronics TSM111N Datasheet HTML 11Page - STMicroelectronics TSM111N Datasheet HTML 12Page - STMicroelectronics TSM111N Datasheet HTML 13Page - STMicroelectronics TSM111N Datasheet HTML 14Page - STMicroelectronics TSM111N Datasheet HTML 15Page - STMicroelectronics TSM111N Datasheet HTML 16Page - STMicroelectronics TSM111N Datasheet HTML 17Page - STMicroelectronics TSM111N Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
TSM111 is a Housekeeping IC which is best used
in PC Switch Mode Power Supplies for secondary
3.3V, 5V, and 12V power lines protection.
TSM111 integrates all the necessary functions for a
secure and reliable overcurrent and overvoltage
protection, as well as a logic interface for proper
communication with the motherboard and adjust-
able timing circuitry for optimized sequencing man-
agement. Moreover, TSM111 integrates two pre-
cise shunt voltage references for direct optocoupler
drive. TSM111, integrating the equivalent of more
than 25 discrete components, saves a lot of design
time and fine tuning, as well as PCB area, and in-
creases the reliability of the whole application.
How to use the TSM111 Evaluation Board ?
This evaluation board allows to adapt the TSM111
housekeepingchip to an already existing PC Power
Supply by simply choosing proper values for it’s ex-
ternal components, and making the adequate con-
nections to the I/O of the evaluation board.
The Electrical Schematic of the TSM111 evaluation
board is shown on figure 1. It includes the TSM111
as well as the minimum component number re-
quired to make the TSM111 fit in a PC SMPS appli-
cation.
Components calculations
The overvoltage protection is not to be adjusted. In-
ternal voltage thresholds are given by Vvs1, Vvs2,
Vvs3 for respective protection of the 3.3V, 5V, 12V
power lines.
The overcurrent protection is given by the choice of
the Sense resistors R1, R2, R3 (respectively for
eachpower line 3.3V, 5V, 12V). Internalprecise volt-
age thresholds define the tripping voltage drops for
each line following equations 1, 2 & 3 :
Vcs1 = R1 x I33
eq1
Vcs2 = R2 x I5
eq2
Vcs3 = R3 x I12
eq3
where I33, I5, and I12 are the tripping currents.
The system will latch (Fault output will be active -
high) if the overcurrent lasts more than the author-
ized surge delay Tsur given by equations 4 & 5 :
Icharge = Vcc / R4
eq4
Tsur = (C1 x Vsur) / Icharge
eq5
Note that eq4 is an approximation of a capacitive
charge where Vcc (16V min) is large versus the
threshold voltage Vsur (2.5V).
R4=33k
Ω, C1=4.7µF => Tsur=21ms
Thanks to the Tsur adjustment, the normal surge
currents which occur during power up (capacitive
EVALUATION BOARD - TECHNICAL NOTICE
Vs 3 3
1
Is 3 3
20
Is 5
19
Vs 5
2
Is 1 2
18
Vs 1 2
3
Vr e f M a i n
14
Fb m a i n
15
Vr e f Au x
13
Fb A u x
12
PG
9
Tpor
10
Rem
7
TR e m
8
Ad j
4
Gn d
16
Vc c
5
UV
11
Tsur
17
PWM
6
U1
TSM111
R1
rs3.3V
R2
rs5V
R3
rs12V
D1
UV
R4
Rsur
C1
Csur
C2
Crem
R5 R rem
C3
Cpor
R6
1
2
J1
Vdet
1
2
J2
Fault
1
2
J3
Optaux
1
J5
In3.3V
1
J6
1
J7
In3.3V
Vdet
Optaux
Fault
In5V
In12V
Out12V
Out5V
Out3.3V
1
J8
Out12V
1
J9
Out5V
1
J10
Out3.3V
PG
1
2
J11
PG
12
34
SW1
BP Rem
1
2
J12
Rem
Fro m c
5Vstby
5Vstby
1
2
J13
Vcc
1
2
J14
Gnd
VCC
1
2
J15
VrefMain
VrefMain
R7
RoptMain
VrefAux
R8
R9
Roptaux
C4
C5
1
2
J16
VrefAux
R10
1
2
J20
D5
D6
I
1INV
1
2
J18
OptMain
OptMain
Vin
2
GN D
1
Vout
3
U2 78L05
5Vstby
+
C7
R11
5Vstby
In5V
IN12V
EVALUATION BOARD - ELECTRICAL SCHEMATIC
C6
TSM111
14/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com